Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17901 Datasheet (PDF) - Renesas Technology Corp

HA17901 Datasheet PDF - Renesas Technology Corp
Part # HA17901
Download  HA17901 Download
File Size   282.03 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quadruple Comparators

HA17901 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA17901 Datasheet PDF - Renesas Technology Corp

Part # HA17901
Download  HA17901 Click to download

File Size   282.03 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quadruple Comparators

HA17901 Datasheet (HTML) - Renesas Technology Corp


HA17901 Product details

Description

The HA17901 series products are comparators designed for use in power or control systems. These IC operate from a single power-supply voltage over a wide range of voltages, and feature a reduced power-supply current since the power-supply voltage is determined independently. These comparators have the unique characteristic of ground being included in the common-mode input voltage range, even when operating from a single-voltage power supply. These products have a wide range of applications, including limit comparators, simple A/D converters, pulse/square-wave/time delay generators, wide range VCO circuits, MOS clock timers, multivibrators, and high-voltage logic gates.



Features

•  Wide power-supply voltage range: 2 to 36V

•  Extremely low current drain: 0.8mA

•  Low input bias current: 25nA

•  Low input offset current: 5nA

•  Low input offset voltage: 2mV

•  The common-mode input voltage range includes ground.

•  Low output saturation voltage: 1mV (5µA), 70mV (1mA)

•  Output voltages compatible with CMOS logic systems




Similar Part No. - HA17901

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17901 HITACHI-HA17901 Datasheet
79Kb / 16P
Quadruple Comparators
logo
List of Unclassifed Man...
HA17901 ETC2-HA17901 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Renesas Technology Corp
HA17901A RENESAS-HA17901A Datasheet
165Kb / 16P
Quadruple Comparators
HA17901AFP RENESAS-HA17901AFP Datasheet
165Kb / 16P
Quadruple Comparators
HA17901AP RENESAS-HA17901AP Datasheet
165Kb / 16P
Quadruple Comparators
More results


Similar Description - HA17901

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
Quadruple Comparators
logo
Hitachi Semiconductor
HA17901 HITACHI-HA17901 Datasheet
79Kb / 16P
Quadruple Comparators
logo
Texas Instruments
TLC374 TI-TLC374 Datasheet
771Kb / 28P
LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
logo
Renesas Technology Corp
HA17339A RENESAS-HA17339A Datasheet
159Kb / 15P
Quadruple Comparators
HA17901A RENESAS-HA17901A Datasheet
165Kb / 16P
Quadruple Comparators
logo
Linear Dimensions Semic...
LND339 LINEAR_DIMENSIONS-LND339 Datasheet
124Kb / 5P
Quadruple Differential Comparators
logo
Renesas Technology Corp
HA17339ATELL-E RENESAS-HA17339ATELL-E Datasheet
188Kb / 17P
Quadruple Comparators
HA17339A RENESAS-HA17339A_15 Datasheet
188Kb / 17P
Quadruple Comparators
HA17901A RENESAS-HA17901A_15 Datasheet
194Kb / 18P
Quadruple Comparators
logo
Texas Instruments
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com