Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVM14 Datasheet (PDF) - Renesas Technology Corp

HVM14 Datasheet PDF - Renesas Technology Corp
Part # HVM14
Download  HVM14 Download
File Size   56.99 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator

HVM14 Datasheet (PDF)

Go To PDF Page Download Datasheet
HVM14 Datasheet PDF - Renesas Technology Corp

Part # HVM14
Download  HVM14 Click to download

File Size   56.99 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator

HVM14 Datasheet (HTML) - Renesas Technology Corp


HVM14 Product details

Features
• Low forward resistance. (rf = 7.0 Ω max)
• Low capacitance. (C = 0.25 pF typ)
• MPAK package is suitable for high density surface mounting and high speed assembly.




Similar Part No. - HVM14

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HVM14 RECTRON-HVM14 Datasheet
224Kb / 2P
HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes)
logo
Dc Components
HVM14 DCCOM-HVM14 Datasheet
389Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE ASSEMBLIED RECTIFIER
logo
Hitachi Semiconductor
HVM14 HITACHI-HVM14 Datasheet
27Kb / 6P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
logo
Leshan Radio Company
HVM14 LRC-HVM14 Datasheet
51Kb / 2P
HIGH-VOLTAGE DIODES
logo
Chongqing Pingwei Enter...
HVM14 CHONGQING-HVM14 Datasheet
40Kb / 1P
HIGH VOLTAGE ASSEMBLIED RECTIFIER
More results


Similar Description - HVM14

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVM14 HITACHI-HVM14 Datasheet
27Kb / 6P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM187WK HITACHI-HVM187WK Datasheet
28Kb / 6P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
logo
Renesas Technology Corp
HVB187YP RENESAS-HVB187YP Datasheet
147Kb / 5P
Silicon Epitaxial Planar Pin Diode for High Frequency Attenuator
HVM189S RENESAS-HVM189S Datasheet
156Kb / 5P
Silicon Epitaxial Planar Pin Diode for High Frequency Attenuator
logo
Hitachi Semiconductor
1SV121 HITACHI-1SV121 Datasheet
22Kb / 3P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
logo
Renesas Technology Corp
HVB14S RENESAS-HVB14S Datasheet
146Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVB190S RENESAS-HVB190S Datasheet
146Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM14S RENESAS-HVM14S Datasheet
70Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM14SR RENESAS-HVM14SR Datasheet
71Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM187S RENESAS-HVM187S Datasheet
68Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com