Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M5408BFP Datasheet (PDF) - Renesas Technology Corp

M5M5408BFP Datasheet PDF - Renesas Technology Corp
Part # M5M5408BFP
Download  M5M5408BFP Download
File Size   143.61 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM

M5M5408BFP Datasheet (PDF)

Go To PDF Page Download Datasheet
M5M5408BFP Datasheet PDF - Renesas Technology Corp

Part # M5M5408BFP
Download  M5M5408BFP Click to download

File Size   143.61 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM

M5M5408BFP Datasheet (HTML) - Renesas Technology Corp


M5M5408BFP Product details

DESCRIPTION
The M5M5408B is a family of 4-Mbit static RAMs organized as 524,288-words by 8-bit, fabricated by Mitsubishis high performance 0.25µm CMOS technology.
The M5M5408B is suitable for memory applications where a simple interfacing, battery operating and battery backup are the important design objectives.
M5M5408B is packaged in 32-pin plastic SOP, 32-pin plastic TSOP. Two types of TSOPs are available, M5M5408BTP (normal-lead-bend TSOP), M5M5408BRT (reverse-lead-bend TSOP). These two types TSOPs are suitable for a  surface mounting on double-sided printed circuit boards.

FEATURES
• Single +5V power supply
• Small stand-by current: 0.4µA(3V,ty p.)
• No clocks, No refresh
• Data retention supply voltage=2.0V to 5.5V
• All inputs and outputs are TTL compatible.
• Easy memory expansion by S#
• Common Data I/O
• Three-state outputs: OR-tie capability
• OE# prevents data contention in the I/O bus
• Process technology: 0.25µm CMOS
• Package:
   M5M5408BFP: 32 pin 525 mil SOP
   M5M5408BTP/RT: 32 pin 400 mil TSOP(ll)




Similar Part No. - M5M5408BFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5408BFP MITSUBISHI-M5M5408BFP Datasheet
56Kb / 10P
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
More results


Similar Description - M5M5408BFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M54R01AJ-12 MITSUBISHI-M5M54R01AJ-12 Datasheet
43Kb / 6P
4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R01J-12 MITSUBISHI-M5M54R01J-12 Datasheet
55Kb / 6P
4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R08AJ-10 MITSUBISHI-M5M54R08AJ-10 Datasheet
45Kb / 6P
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M54R08J-12 MITSUBISHI-M5M54R08J-12 Datasheet
57Kb / 6P
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V408BFP MITSUBISHI-M5M5V408BFP Datasheet
162Kb / 14P
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R01J-12 MITSUBISHI-M5M5V4R01J-12 Datasheet
56Kb / 6P
4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M5V4R08J-12 MITSUBISHI-M5M5V4R08J-12 Datasheet
56Kb / 12P
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V408BFP-85L MITSUBISHI-M5M5V408BFP-85L Datasheet
171Kb / 14P
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5408BFP MITSUBISHI-M5M5408BFP Datasheet
56Kb / 10P
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V408BFP RENESAS-M5M5V408BFP Datasheet
151Kb / 10P
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com