Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7136C Datasheet (PDF) - Anpec Electronics Coropration

APW7136C Datasheet PDF - Anpec Electronics Coropration
Part # APW7136C
Download  APW7136C Download
File Size   423.64 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs

APW7136C Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7136C Datasheet PDF - Anpec Electronics Coropration

Part # APW7136C
Download  APW7136C Click to download

File Size   423.64 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs

APW7136C Datasheet (HTML) - Anpec Electronics Coropration


APW7136C Product details

General Description
The APW7136A/B/C is a current-mode and fixed frequency boost converter with an integrated N-FET to drive up to 8 white LEDs in series.
The series connection allows the LED current to be identical for uniform brightness. Its low on-resistance of N-FET and feedback voltage reduce power loss and achieves high efficiency. Fast 1MHz current-mode PWM operation is available for input and output capacitors and a small inductor while minimizing ripple on the input supply. The OVP pin monitors the output voltage and stop switching if exceeds the over-voltage threshold. An internal soft-start circuit eliminates the inrush current during start-up.

Features
• Wide Input Voltage from 2.7V to 6V
• 0.25V Reference Voltage
• Fixed 1MHz Switching Frequency
• High Efficiency up to 87%
• 100Hz to 100KHz PWM brightness control frequency
• Open-LED Protection
• Under Voltage Lockout Protection
• Over Temperature Protection
• <1μA Quiescent Current during Shutdown
• SOT-23-6 Package
• Lead Free Available (RoHS Compliant)

Applications
• White LED Display Backlighting
• Cell Phone and Smart Phone
• PDA, PMP, MP3
• Digital Camera




Similar Part No. - APW7136C

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7136C ANPEC-APW7136C Datasheet
359Kb / 17P
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
APW7136CCI-TRG ANPEC-APW7136CCI-TRG Datasheet
359Kb / 17P
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
APW7136CCITRG ANPEC-APW7136CCITRG Datasheet
359Kb / 17P
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
More results


Similar Description - APW7136C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1553 MAXIM-MAX1553 Datasheet
347Kb / 11P
High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
19-2875; Rev 0; 6/03
logo
AMETHERM Circuit Protec...
AME5144 AMETHERM-AME5144 Datasheet
137Kb / 15P
High Efficiency, 37V Step-Up Converter for 2 to 10 White LEDs
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207 Datasheet
323Kb / 16P
1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7209 ANPEC-APW7209 Datasheet
377Kb / 14P
1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
APW7136A ANPEC-APW7136A_10 Datasheet
359Kb / 17P
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
1MHz, High-Efficiency, Step-Up Converter for White LEDs
APW7208 ANPEC-APW7208 Datasheet
341Kb / 16P
1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7209 ANPEC-APW7209_13 Datasheet
375Kb / 17P
1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
logo
Maxim Integrated Produc...
MAX1553 MAXIM-MAX1553_15 Datasheet
225Kb / 10P
High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
Rev 2; 5/15
logo
TECHCODE SEMICONDUCTOR,...
TD8202 TECHCODE-TD8202 Datasheet
989Kb / 16P
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com