Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7145KAI-TRL Datasheet (PDF) - Anpec Electronics Coropration

APW7145KAI-TRL Datasheet PDF - Anpec Electronics Coropration
Part # APW7145KAI-TRL
Download  APW7145KAI-TRL Download
File Size   526.93 Kbytes
Page   23 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A, 12V, Synchronous-Rectified Buck Converter

APW7145KAI-TRL Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7145KAI-TRL Datasheet PDF - Anpec Electronics Coropration

Part # APW7145KAI-TRL
Download  APW7145KAI-TRL Click to download

File Size   526.93 Kbytes
Page   23 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A, 12V, Synchronous-Rectified Buck Converter

APW7145KAI-TRL Datasheet (HTML) - Anpec Electronics Coropration


APW7145KAI-TRL Product details

General Description

The APW7145 is a 3A synchronous-rectified Buck converter with integrated 55mW power MOSFETs. The APW7145, designed with a current-mode control scheme, can convert wide input voltage of 4.3V to 14V to the output voltage adjustable from 0.8V to VIN to provide excellent output voltage regulation.



Features

· Wide Input Voltage from 4.3V to 14V

· Output Current up to 3A

· Adjustable Output Voltage from 0.8V to VIN

   - ±2% System Accuracy

· 55mW Integrated Power MOSFETs

· High Efficiency up to 95%

   - Automatic Skip/PWM Mode Operation

· Current-Mode Operation

   - Easy Feedback Compensation

   - Stable with Low ESR Output Capacitors

   - Fast Load/Line Transient Response

· Power-On-Reset Monitoring

· Fixed 500kHz Switching Frequency in PWM Mode

· Built-In Digital Soft-Start and Soft-Stop

· Current-Limit Protection with FrequencyFoldback

· 123% Over-Voltage Protection

· Hiccup-Mode 50% Under-Voltage Protection

· Over-Temperature Protection

· <3mA Quiescent Current in Shutdown Mode

· SOP-8P and Compact 4mmx4mm DFN-8 (DFN4x4-8) Packages

· Lead Free and Green Devices Available (RoHS Compliant)



Applications

· OLPC, UMPC

· Notebook Computer

· Handheld Portable Device

· Step-Down Converters Requiring High Efficiency and 3A Output Current



 




Similar Part No. - APW7145KAI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7145KAI-TRG ANPEC-APW7145KAI-TRG Datasheet
557Kb / 23P
3A, 12V, Synchronous-Rectified Buck Converter
APW7145KAI-TRG ANPEC-APW7145KAI-TRG Datasheet
559Kb / 23P
3A, 12V, Synchronous-Rectified Buck Converter
More results


Similar Description - APW7145KAI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7142 ANPEC-APW7142 Datasheet
525Kb / 22P
3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_09 Datasheet
557Kb / 23P
3A, 12V, Synchronous-Rectified Buck Converter
APW7142 ANPEC-APW7142_10 Datasheet
524Kb / 22P
3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_11 Datasheet
559Kb / 23P
3A, 12V, Synchronous-Rectified Buck Converter
logo
uPI Group Inc.
UP1735 UPI-UP1735 Datasheet
236Kb / 13P
3A, 23V, High-Efficiency Synchronous-Rectified Buck Converter
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
5V/12V Synchronous-Rectified Buck Controller
UP1965S UPI-UP1965S Datasheet
194Kb / 11P
Synchronous-Rectified Buck Converter
UP1988 UPI-UP1988 Datasheet
221Kb / 13P
Synchronous-Rectified Buck Converter
UP1989 UPI-UP1989 Datasheet
231Kb / 13P
Synchronous-Rectified Buck Converter
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
5V/12V Synchronous-Rectified Buck Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com