Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61504FP Datasheet (PDF) - Renesas Technology Corp

M61504FP Datasheet PDF - Renesas Technology Corp
Part # M61504FP
Download  M61504FP Download
File Size   6890.88 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DIGTAL SOUND CONTROLLER WIHT SURROUND

M61504FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M61504FP Datasheet PDF - Renesas Technology Corp

Part # M61504FP
Download  M61504FP Click to download

File Size   6890.88 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DIGTAL SOUND CONTROLLER WIHT SURROUND

M61504FP Datasheet (HTML) - Renesas Technology Corp


M61504FP Product details

DESCRIPTION

The M61504FP is an optimum digital sound controller IC for home audio.

It has a 4ch input selector, input volume, surround (3 variation), tone control (3 band), loudness, Vocal cut and 2ch master volume.

It can control all of these function with serial data



FEATURES

• Built-in 4ch input selector.

• Built-in input volume (2dB step/3 bit)

• IC for Dolby-pro-logic Interface.

• Built-in Surround (ON/OFF,High/Middle/Low <3 variation>)

• Tone control (Bass/Mid/Treble)

• Built-in Loudness.

• Vocal cut (Surround OFF setting only)

• Main Volume (36 step 0 to -80dB,- ¥)

• Microcomputer Interface.



RECOMMENDED OPERATING CONDITIONS

  Supply voltage range ....Vcc= 4.5~5.5 Rated supply voltage.....Vcc=5V



 




Similar Part No. - M61504FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61504FP MITSUBISHI-M61504FP Datasheet
195Kb / 17P
DIGITAL SOUND CONTROLLER WITH SURROUND
More results


Similar Description - M61504FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61504FP MITSUBISHI-M61504FP Datasheet
195Kb / 17P
DIGITAL SOUND CONTROLLER WITH SURROUND
M62436FP MITSUBISHI-M62436FP Datasheet
136Kb / 10P
SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
M62437FP MITSUBISHI-M62437FP Datasheet
220Kb / 12P
SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
M62456FP MITSUBISHI-M62456FP Datasheet
176Kb / 9P
DIGTAL SOUND CONTROLLER
M62492FP MITSUBISHI-M62492FP Datasheet
440Kb / 23P
DIGITAL SOUND CONTROLLER WITH SURROUND
M62498FP MITSUBISHI-M62498FP Datasheet
191Kb / 17P
DIGITAL SOUND CONTROLLER WITH SURROUND
M62498AFP MITSUBISHI-M62498AFP Datasheet
272Kb / 17P
DIGITAL SOUND CONTROLLER WITH SURROUND
logo
Renesas Technology Corp
R2S15903SP RENESAS-R2S15903SP Datasheet
303Kb / 12P
Sound Controller with Surround and AGC
M61510FP RENESAS-M61510FP Datasheet
7Mb / 19P
DIGTAL SOUND CONTROLLER WIHT SURROUND
M62436FP RENESAS-M62436FP Datasheet
155Kb / 12P
SRS Sound Controller with SRS FOCUS, SRS Surround Sound On-Chip Sound Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com