Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62356P Datasheet (PDF) - Renesas Technology Corp

M62356P Datasheet PDF - Renesas Technology Corp
Part # M62356P
Download  M62356P Download
File Size   2005.73 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-BIT 8CH D-A CONVERTER

M62356P Datasheet (PDF)

Go To PDF Page Download Datasheet
M62356P Datasheet PDF - Renesas Technology Corp

Part # M62356P
Download  M62356P Click to download

File Size   2005.73 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-BIT 8CH D-A CONVERTER

M62356P Datasheet (HTML) - Renesas Technology Corp


M62356P Product details

DESCRIPTION
The M62356P is an integrated circuit semiconductor of C-MOS structure with 8 channels of built-in D-A converters.
The input data is a easy-to-use 3-wires serial data transfer method and it is able to cascading serial use with Do terminal.

FEATURES
• Digital data transfer format
   3-wires serial data transfer method
• Output voltage range 0V to 12V
• Short setting time
• D-A converter high level reference voltage is possess two input terminal then two reference voltage is possible to input.
   Digital voltage supply........................VDD=5V±10%

APPLICATION
   Conversion from digital control data to analog control data for home-use and industrial equipment.
   Automatic adjustment by combination with EEPROM and microcomputer(replacement of conventional half-fixed resistor).
   Signal gain control of DISPLAY-MONITOR or CTV.




Similar Part No. - M62356P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62356P MITSUBISHI-M62356P Datasheet
47Kb / 6P
8-BIT 8CH D-A CONVERTER
More results


Similar Description - M62356P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62356P MITSUBISHI-M62356P Datasheet
47Kb / 6P
8-BIT 8CH D-A CONVERTER
M62363FP MITSUBISHI-M62363FP Datasheet
66Kb / 8P
8-BIT 8CH D-A CONVERTER
logo
Renesas Technology Corp
M62353AGP RENESAS-M62353AGP Datasheet
113Kb / 9P
8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P Datasheet
131Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
M62363FP RENESAS-M62363FP Datasheet
134Kb / 10P
8-bit 8ch D/A Converter
M62359P RENESAS-M62359P Datasheet
2Mb / 7P
8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
R2A20168NP RENESAS-R2A20168NP Datasheet
473Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
R2A20168NPSASP RENESAS-R2A20168NPSASP_15 Datasheet
364Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P_15 Datasheet
119Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
M62363FP RENESAS-M62363FP_15 Datasheet
155Kb / 12P
8-bit 8ch D/A Converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com