Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62398P Datasheet (PDF) - Renesas Technology Corp

M62398P Datasheet PDF - Renesas Technology Corp
Part # M62398P
Download  M62398P Download
File Size   3056.35 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS

M62398P Datasheet (PDF)

Go To PDF Page Download Datasheet
M62398P Datasheet PDF - Renesas Technology Corp

Part # M62398P
Download  M62398P Click to download

File Size   3056.35 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS

M62398P Datasheet (HTML) - Renesas Technology Corp


M62398P Product details

GENERAL DESCRIPTION
The M62398P,FP is a 12V type CMOS 12-channel D–A converters with output buffer amplifiers.
It can communicate with a microcontroller via few wiring thanks to the adoption of the two-line I2C BUS.
The output buffer amplifier employs AB class output with sinking and sourcing capability of more than 2.5mA ,and an output voltage range is nearly between ground and VrefU.
Maximum 8 ICs can be connected to a bus by using three chip-set pins , so that it is possible to handle up to 96 channels.

FEATURES
• I2C BUS serial data method
• Wide output range Nearly between ground and VrefU(0~12V).
• High output current drive capability Over ±2.5mA
• 2 setting voltage ranges by dual input pins for upper voltage references (VrefU1,U2)

APPLICATION
    Conversion from digital control data to analog control data for both consumer and industrial equipment.
    Gain control and automatic adjustment of DISPLAY-MONITOR or CTV.




Similar Part No. - M62398P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62398P MITSUBISHI-M62398P Datasheet
80Kb / 7P
8BIT 12CH I2C BUS D.A CONVERTER WITH BUFFER AMPLIFIERS
More results


Similar Description - M62398P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62352P MITSUBISHI-M62352P Datasheet
55Kb / 6P
8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62358P MITSUBISHI-M62358P Datasheet
62Kb / 6P
8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62392P MITSUBISHI-M62392P Datasheet
71Kb / 7P
8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62352P RENESAS-M62352P Datasheet
140Kb / 10P
8-bit 12ch D/A Converter with Buffer Amplifiers
M62392P RENESAS-M62392P Datasheet
137Kb / 9P
8-bit 12ch I2C BUS D/A Converter with Buffer Amplifiers
M62358P RENESAS-M62358P Datasheet
2Mb / 7P
8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
R2A20169NP RENESAS-R2A20169NP_13 Datasheet
299Kb / 10P
8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NPSASP RENESAS-R2A20169NPSASP_15 Datasheet
299Kb / 10P
8-bit 12ch D/A Converter with Buffer Amplifiers
M62352P RENESAS-M62352P_15 Datasheet
296Kb / 10P
8-bit 12ch D/A Converter with Buffer Amplifiers
M62392P RENESAS-M62392P_15 Datasheet
124Kb / 9P
8-bit 12ch I2C BUS D/A Converter with Buffer Amplifiers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com