Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65665CSP Datasheet (PDF) - Renesas Technology Corp

M65665CSP Datasheet PDF - Renesas Technology Corp
Part # M65665CSP
Download  M65665CSP Download
File Size   305.12 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PICTURE-IN-PICTURE SIGNAL PROCESSING

M65665CSP Datasheet (PDF)

Go To PDF Page Download Datasheet
M65665CSP Datasheet PDF - Renesas Technology Corp

Part # M65665CSP
Download  M65665CSP Click to download

File Size   305.12 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PICTURE-IN-PICTURE SIGNAL PROCESSING

M65665CSP Datasheet (HTML) - Renesas Technology Corp


M65665CSP Product details

Description
The M65665CFP/SP is a PIP (Picture in Picture) signal processing LSI, whose sub-picture input is composite signal or component signals(Y/C or Y/U/V) for NTSC.
The built-in field memory (168k-bit RAM) , V-chip data slicer and analog circuitries lead the high quality PIP system low cost and small size.

Features
• Internal V-chip data slicer (for sub-picture)
• Vertical filter for sub-picture ( Y signal )
• Base band com filter (2 Line)
• Single sub-picture ( selectable picture size : 1/9 , 1/16 )
• Sub-picture processing specification ( 1/9 , 1/16 size) :
    Quantization bits Y, B-Y, R-Y : 7 bits
    Horizontal sampling 229 pixels (Y), 57 pixels (B-Y, R-Y)
    Vertical lines 69/ 52 lines
• Frame ( sub-picture ) on/off
• Built-in analog circuits :
    Two 8-bit A/D converters (for sub-picture signal)
    Three 8-bit D/A converters (for Y, U and V of sub-picture)
    Auto Slicer(Sync Sep.), Sync-tip-clamp, VCXO, OSD switch, etc..
• IIC BUS control ( parallel/serial control) :
   PIP on/off , Frame on/off ( programmable luma level),
   Sub-picture size ( 1/9, 1/16 ),
   PIP position ( free position ), Picture freeze ,
   Y delay adjustment, Chroma level, Tint, Black level, Contrast ...etc..

Application
NTSC color TV
Recommended Operating Conditions
Supply voltage range --------------------- 3.2 to 3.5 V
Recommended supply voltage --------------------- 3.3 V




Similar Part No. - M65665CSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65665 MITSUBISHI-M65665 Datasheet
266Kb / 15P
PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65665DSP RENESAS-M65665DSP Datasheet
304Kb / 18P
PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Mitsubishi Electric Sem...
M65665FP MITSUBISHI-M65665FP Datasheet
266Kb / 15P
PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665SP MITSUBISHI-M65665SP Datasheet
266Kb / 15P
PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65665SP RENESAS-M65665SP Datasheet
6Mb / 16P
PICTURE-IN-PICTURE SIGNAL PROCESSING
More results


Similar Description - M65665CSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65617SP MITSUBISHI-M65617SP Datasheet
74Kb / 15P
PICTURE-IN-PICTURE SIGNAL PROCESSING
M65664FP MITSUBISHI-M65664FP Datasheet
128Kb / 14P
PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665SP MITSUBISHI-M65665SP Datasheet
266Kb / 15P
PICTURE-IN-PICTURE SIGNAL PROCESSING
M65667SP MITSUBISHI-M65667SP Datasheet
53Kb / 8P
PICTURE-IN-PICTURE SIGNAL PROCESSING
M65669SP MITSUBISHI-M65669SP Datasheet
154Kb / 15P
PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65667FP RENESAS-M65667FP Datasheet
240Kb / 13P
Picture-in-Picture Signal Processing
M65667SP RENESAS-M65667SP Datasheet
237Kb / 12P
Picture-in-Picture Signal Processing
M65664FP RENESAS-M65664FP Datasheet
5Mb / 15P
PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665DSP RENESAS-M65665DSP Datasheet
304Kb / 18P
PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665SP RENESAS-M65665SP Datasheet
6Mb / 16P
PICTURE-IN-PICTURE SIGNAL PROCESSING
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com