Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66010FP Datasheet (PDF) - Renesas Technology Corp

M66010FP Datasheet PDF - Renesas Technology Corp
Part # M66010FP
Download  M66010FP Download
File Size   1631.96 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 24-BIT I/O EXPANDER

M66010FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M66010FP Datasheet PDF - Renesas Technology Corp

Part # M66010FP
Download  M66010FP Click to download

File Size   1631.96 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 24-BIT I/O EXPANDER

M66010FP Datasheet (HTML) - Renesas Technology Corp


M66010FP Product details

DESCRIPTION
M66010 Semiconductor Integrated Circuit inputs 24-bit data in series and outputs it in parallel and vice versa, using shift register function.
Equipped with 2 independent shift registers, one for serial-toparallel, the other for parallel-to-serial, this IC is able to read serial input data into a shift register while converting data from parallel to serial. Parallel input/output pins are set to input or output according to the bit.
The M66010 is useful in a wide range of applications, such as MCU (micro controller unit) input/output port extension and serial bus system data communication.

FEATURES
• Two-way serial data communication with MCU
• Serial data intake possible during parallel-to-serial conversion
• Parallel input/output switchable according to the bit
• Low power dissipation: 100µW maximum per package (VCC =5V, Ta = 25˚C, quiescent)
• Schmidt input (DI, CLK, S, CS)
• Open drain output (DO, D1 thru D24)
• Parallel data input and output (D1 thru D24)
• Wide operating supply voltage range (VCC = 2V ~ 6V)

APPLICATION
    MCU-related serial-parallel data conversion, serial bus control by MCU, etc.




Similar Part No. - M66010FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66010FP MITSUBISHI-M66010FP Datasheet
65Kb / 5P
24-BIT I/O EXPANDER
More results


Similar Description - M66010FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
12-BIT I/O EXPANDER
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
16-BIT I/O EXPANDER
M66010FP MITSUBISHI-M66010FP Datasheet
65Kb / 5P
24-BIT I/O EXPANDER
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
12-bit I/O EXPANDER
logo
Renesas Technology Corp
R8A66150SP RENESAS-R8A66150SP Datasheet
429Kb / 8P
12-BIT I/O EXPANDER
R8A66151SP RENESAS-R8A66151SP Datasheet
432Kb / 8P
24-BIT I/O EXPANDER
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
16-BIT I/O EXPANDER
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
12-BIT I/O EXPANDER
R8A66156SP RENESAS-R8A66156SP Datasheet
202Kb / 8P
24-bit I/O EXPANDER WITH LED DRIVE FUNCTION
logo
Kinetic Technologies.
KTS1620 KINETIC-KTS1620 Datasheet
1Mb / 30P
Low Voltage 24-Bit I2C-bus I/O Expander
September 2018 - Revision 04a
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com