Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66242P Datasheet (PDF) - Renesas Technology Corp

M66242P Datasheet PDF - Renesas Technology Corp
Part # M66242P
Download  M66242P Download
File Size   2956.42 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-CH 12-BIT PWM GENERATOR

M66242P Datasheet (PDF)

Go To PDF Page Download Datasheet
M66242P Datasheet PDF - Renesas Technology Corp

Part # M66242P
Download  M66242P Click to download

File Size   2956.42 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-CH 12-BIT PWM GENERATOR

M66242P Datasheet (HTML) - Renesas Technology Corp


M66242P Product details

DESCRIPTION
M66242 Integrated Circuit has four 12-bit PWM (pulse width modulation) circuits which are built by using the CMOS (complementary metal oxide semiconductor) process.
This IC controls PWM waveform by adjusting the “H” width according to serial data sent from MCU (micro controller unit) or other device. Each channel can be independently controlled.
High-resolution digital-analog converter can be formed easily by connecting a low-pass filter circuit to the output pins of this circuit.

FEATURES
• Built-in four 12-bit high-resolution pulse width modulation circuits
• Easy digital-analog conversion – Quick output waveform smoothing
   Control by 1.22mV possible per step (VCC =5V)
• Serial data input
• “H” level width setting type
• 4 independently controlled channels
• All 4 channels reset by reset input (R) High-impedance status after reset
• All 4 channels controlled by output control input (OC)
• Settings take effect after ongoing cycle is completed
• Input: TTL level
• Output: CMOS 3-state output
   Output current IO = ±4mA
• VCC =5V ± 10%

APPLICATION
• Analog signal control in televisions and audio systems
• Control of lamps, heaters and motors
• For software servo in home appliances and industrial machinery




Similar Part No. - M66242P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66242P MITSUBISHI-M66242P Datasheet
109Kb / 10P
4-CH 12-BIT PWM GENERATOR
More results


Similar Description - M66242P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66240P MITSUBISHI-M66240P Datasheet
489Kb / 16P
4-CH 16-BIT PWM GENERATOR
M66242P MITSUBISHI-M66242P Datasheet
109Kb / 10P
4-CH 12-BIT PWM GENERATOR
logo
ON Semiconductor
MC10E160 ONSEMI-MC10E160 Datasheet
106Kb / 4P
12-BIT PARITY GENERATOR/CHECKER
1996 REV 2
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160 Datasheet
60Kb / 4P
12-BIT PARITY GENERATOR/CHECKER
logo
ON Semiconductor
MC10H160 ONSEMI-MC10H160 Datasheet
111Kb / 4P
12-Bit Parity Generator-Checker
May, 2000 ??Rev. 7
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160_06 Datasheet
62Kb / 5P
12-BIT PARITY GENERATOR/CHECKER
logo
Renesas Technology Corp
R8A66170DD RENESAS-R8A66170DD Datasheet
521Kb / 21P
4-CH 16-BIT PWM GENERATOR
R8A66173SP RENESAS-R8A66173SP Datasheet
509Kb / 13P
4-CH 12-BIT PWM GENERATOR
M66240P RENESAS-M66240P Datasheet
3Mb / 17P
4-CH 16-BIT PWM GENERATOR
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
12-Bit parity Generator-Checker
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com