Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66307FP Datasheet (PDF) - Renesas Technology Corp

M66307FP Datasheet PDF - Renesas Technology Corp
Part # M66307FP
Download  M66307FP Download
File Size   5046.24 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LINE SCAN BUFFER WITH 16-BIT MPU BUS COMPATIBLE INPUTS

M66307FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M66307FP Datasheet PDF - Renesas Technology Corp

Part # M66307FP
Download  M66307FP Click to download

File Size   5046.24 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LINE SCAN BUFFER WITH 16-BIT MPU BUS COMPATIBLE INPUTS

M66307FP Datasheet (HTML) - Renesas Technology Corp


M66307FP Product details

DESCRIPTION
The M66307SP/FP is an integrated circuit consisting of a line buffer with static memory, manufactured by the silicon gate CMOS process, which satisfies A3-paper 400DPI requirements. It converts the stored data from the 16-bit MPU bus into serial data and outputs it at a transfer rate of up to 10Mbps synchronously with the external data request clock or an arbitrary continuous clock.

FEATURES
• 16-bit MPU bus compatible
• Writing data via DMAC is possible
• 320-word (5,120-bit) static RAM
• Data output rate of up to 10Mbps
• Built-in function to add fixed data of a specified length at the beginning of output data (Fixed data: Continuous High bit or Low bit data)
• The output format can be selected between FIFO or LIFO.
• The output method can be selected from two:
   (1) Synchronized with an arbitrary continuous clock (φ IN) on the system side; the frequency of clock output (CLK/φ OUT) can be divided by 1, 2, 4, 8, or 16.
   (2) Synchronized with the data request clock (CLK IN) on the peripheral equipment side.
• Up to two devices can be cascaded.
   (1) Toggle configuration
   (2) 32-bit bus configuration
• High fan-out outputs (CLK/φ OUT, DATA OUT). Io=±24mA
   (±4mA for INTR and DREQ ±8mA for BUSY/ORDY)
• The clock input (CLK/φ IN) contains a Schmitt trigger.
• The reset (RESET), Write (WR) and toggle input (TOG) contain negative noise reduction circuits.

APPLICATION
   Image-handling general OA equipment




Similar Part No. - M66307FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66307FP MITSUBISHI-M66307FP Datasheet
233Kb / 22P
LINE SCAN BUFFER with 16-BIT MPU BUS COMPATIBLE INPUTS
More results


Similar Description - M66307FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66307SP MITSUBISHI-M66307SP Datasheet
233Kb / 22P
LINE SCAN BUFFER with 16-BIT MPU BUS COMPATIBLE INPUTS
logo
Toshiba Semiconductor
TC74LCX16240AFT TOSHIBA-TC74LCX16240AFT Datasheet
252Kb / 7P
LOW-VOLTAGE 16-BIT BUS BUFFER(INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX16244AFT TOSHIBA-TC74LCX16244AFT Datasheet
252Kb / 7P
LOW-VOLTAGE 16-BIT BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX162244FT TOSHIBA-TC74VCX162244FT Datasheet
335Kb / 9P
LOW VOLTAGE 16-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16244FT TOSHIBA-TC74VCX16244FT Datasheet
333Kb / 9P
LOW VOLTAGE 16-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74LCX16244FT TOSHIBA-TC74LCX16244FT Datasheet
141Kb / 9P
Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX16244FT TOSHIBA-TC74LCX16244FT_07 Datasheet
184Kb / 9P
Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX162244FT TOSHIBA-TC74VCX162244FT_07 Datasheet
211Kb / 10P
Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX162541 STMICROELECTRONICS-74LCX162541 Datasheet
246Kb / 15P
Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs
06-Feb-2007
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com