Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7136 Datasheet (PDF) - Renesas Technology Corp

SH7136 Datasheet PDF - Renesas Technology Corp
Part # SH7136
Download  SH7136 Download
File Size   6747.51 Kbytes
Page   1160 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Bit RISC Microcomputer SuperH??RISC engine Family

SH7136 Datasheet (PDF)

Go To PDF Page Download Datasheet
SH7136 Datasheet PDF - Renesas Technology Corp

Part # SH7136
Download  SH7136 Click to download

File Size   6747.51 Kbytes
Page   1160 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Bit RISC Microcomputer SuperH??RISC engine Family

SH7136 Datasheet (HTML) - Renesas Technology Corp


SH7136 Product details

Overview
Features of SH7131, SH7132, SH7136, and SH7137
This LSI is a single-chip RISC (Reduced Instruction Set Computer) microcomputer that integrates a Renesas Technology original RISC CPU core with peripheral functions required for system configuration.
The CPU in this LSI has a RISC-type instruction set. Most instructions can be executed in one state (one system clock cycle), which greatly improves instruction execution speed. In addition, the 32-bit internal-bus architecture enhances data processing power. With this CPU, it has become possible to assemble low-cost, high-performance, and high-functioning systems, even for applications that were previously impossible with microcomputers, such as real-time control, which demands high speeds.
In addition, this LSI includes on-chip peripheral functions necessary for system configuration, such as large-capacity ROM and RAM, a data transfer controller (DTC), timers, a serial communication interface (SCI), a synchronous serial communication unit (SSU), an A/D converter, an interrupt controller (INTC), I/O ports, I2C bus interface 2 (I2C2), and controller area network (RCAN-ET).
This LSI also provides an external memory access support function to enable direct connection to various memory devices or peripheral LSIs (available only with the SH7132 and SH7137). These on-chip functions significantly reduce costs of designing and manufacturing application systems.
The version of on-chip ROM is F-ZTAT™ (Flexible Zero Turn Around Time)* that includes flash memory. The flash memory can be programmed with a programmer that supports programming of this LSI, and can also be programmed and erased by software. This enables LSI chip to be reprogrammed at a user-site while mounted on a board.

CPU
• Central processing unit with an internal 32-bit RISC (Reduced Instruction Set Computer) architecture
• Instruction length: 16-bit fixed length for improved code efficiency
• Load-store architecture (basic operations are executed between registers)
• Sixteen 32-bit general registers
• Five-stage pipeline
• On-chip multiplier: Multiplication operations (32 bits × 32 bits → 64 bits) executed in two to five cycles
• C language-oriented 62 basic instructions

Operating modes
• Operating modes
   - Single chip mode
   - Extended ROM enabled mode (Only in SH7132/SH7137)
   - Extended ROM disabled mode (Only in SH7132/SH7137)
• Operating states
   - Program execution state
   - Exception handling state
   - Bus release state (Only in SH7132/SH7137)
• Power-down modes
   - Sleep mode
   - Software standby mode (Only in SH7136/SH7137)
   - Deep software standby mode (Only in SH7136/SH7137)
   - Module standby mode

User break controller (UBC)
• Addresses, data values, type of access, and data size can all be set as break conditions
• Supports a sequential break function
(SH7132 and SH7137 only)
• Two break channels

On-chip ROM
• 128 Kbytes (Only in SH7131/SH7132) or 256 Kbytes

On-chip RAM
• 8 Kbytes (Only in SH7131/SH7132) or 16 Kbytes

Bus state controller (BSC)
• Address space: A maximum 1 Mbyte for each of two areas (CS0 and CS1) (Only in SH7132/SH7137)
• 8-bit external bus (Only in SH7132/SH7137)
• The following features settable for each area independently
   - Number of access wait cycles
   - Idle wait cycle insertion
   - Supports SRAM
• Outputs a chip select signal according to the target area

Data transfer controller (DTC)
• Data transfer activated by an on-chip peripheral module interrupt can be done independently of the CPU transfer.
• Transfer mode selectable for each interrupt source (transfer mode is specified in memory)
• Multiple data transfer enabled for one activation source
• Various transfer modes Normal mode, repeat mode, or block transfer mode can be selected.
• Data transfer size can be specified as byte, word, or longword
• The interrupt that activated the DTC can be issued to the CPU.
   - A CPU interrupt can be requested after one data transfer completion.
   - A CPU interrupt can be requested after all specified data transfer completion.
  
Interrupt controller (INTC)
• Five external interrupt pins (NMI and IRQ3 to IRQ0)
• On-chip peripheral interrupts: Priority level set for each module
• Vector addresses: A vector address for each interrupt source




Similar Part No. - SH7136

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7136 RENESAS-SH7136_09 Datasheet
813Kb / 22P
SCI Clock Synchronous Simultaneous Transmit and Receive of Serial Data and DTC Data Transfer
More results


Similar Description - SH7136

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH-2A RENESAS-SH-2A Datasheet
3Mb / 501P
Renesas 32-Bit RISC Microcomputer SuperH™ RISC engine Family
SH7080 RENESAS-SH7080 Datasheet
8Mb / 1644P
32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7146 RENESAS-SH7146 Datasheet
5Mb / 1022P
32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7147 RENESAS-SH7147 Datasheet
5Mb / 1108P
32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7606 RENESAS-SH7606 Datasheet
3Mb / 532P
32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7606 Series
SH7615 RENESAS-SH7615 Datasheet
5Mb / 925P
32-Bit RISC Microcomputer SuperH RISC engine Family/SH7600 Series
SH7125 RENESAS-SH7125_08 Datasheet
4Mb / 774P
Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7050 RENESAS-SH7050 Datasheet
4Mb / 841P
32-Bit RISC Microcomputer SuperH RISC engine Family/
SH7080 RENESAS-SH7080_09 Datasheet
9Mb / 1622P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
DF70854AD80FPV RENESAS-DF70854AD80FPV Datasheet
9Mb / 1622P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com