Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW6NB90 Datasheet (PDF) - STMicroelectronics

STW6NB90 Datasheet PDF - STMicroelectronics
Part # STW6NB90
Download  STW6NB90 Download
File Size   51.01 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 900V - 1.7ohm - 6.3A - TO-247 PowerMESH MOSFET

STW6NB90 Datasheet (PDF)

Go To PDF Page Download Datasheet
STW6NB90 Datasheet PDF - STMicroelectronics

Part # STW6NB90
Download  STW6NB90 Click to download

File Size   51.01 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 900V - 1.7ohm - 6.3A - TO-247 PowerMESH MOSFET

STW6NB90 Datasheet (HTML) - STMicroelectronics


STW6NB90 Product details

DESCRIPTION
Using the latest high voltage MESH OVERLAY process, STMicroelectronics has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company’s proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics.
   
■ TYPICAL RDS(on) = 1.7 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ VERY LOW INTRINSIC CAPACITANCES
■ GATE CHARGE MINIMIZED
   
APPLICATIONS
■ SWITCH MODE POWER SUPPLIES (SMPS)
■ DC-AC CONVERTERS FOR WELDING
    EQUIPMENT AND UNINTERRUPTIBLE
    POWER SUPPLIES AND MOTOR DRIVE
■ HIGH CURRENT, HIGH SPEED SWITCHING
   




Similar Part No. - STW6NB90

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW6NB90 ISC-STW6NB90 Datasheet
436Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STW6NB90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB6NB90 STMICROELECTRONICS-STB6NB90 Datasheet
48Kb / 5P
N - CHANNEL 900V - 1.7OHM - 5.8A - D2PAK PowerMESHO MOSFET
Feb-1999
STD2NB25 STMICROELECTRONICS-STD2NB25 Datasheet
274Kb / 9P
N - CHANNEL 250V - 1.7ohm - 2A - IPAK/DPAK PowerMESH MOSFET
Oct-1998
STP6NB90 STMICROELECTRONICS-STP6NB90 Datasheet
109Kb / 9P
N - CHANNEL 900V - 1.7ohm - 5.8A - TO-220/TO-220FP PowerMESH MOSFET
Jun-1999
STW5NB90 STMICROELECTRONICS-STW5NB90 Datasheet
85Kb / 8P
N - CHANNEL 900V - 2.3ohm - 5.6A - TO-247 PowerMESH MOSFET
Mar-1999
STW6NC90Z STMICROELECTRONICS-STW6NC90Z Datasheet
243Kb / 8P
N-CHANNEL 900V - 2.1ohm - 5.2A TO-247 Zener-Protected PowerMESH™ III MOSFET
Oct-2000
STW7NC90Z STMICROELECTRONICS-STW7NC90Z Datasheet
243Kb / 8P
N-CHANNEL 900V - 1.55ohm - 6A TO-247 Zener-Protected PowerMESH™ III MOSFET
May-2001
STW8NB90 STMICROELECTRONICS-STW8NB90 Datasheet
311Kb / 9P
N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh™ MOSFET
Jul-2001
STW8NC90Z STMICROELECTRONICS-STW8NC90Z Datasheet
251Kb / 8P
N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH™ II MOSFET
Jul-2000
STW9NB90 STMICROELECTRONICS-STW9NB90 Datasheet
87Kb / 8P
N-CHANNEL 900V - 0.85ohm - 9.7A - TO-247 PowerMESH MOSFET
Jul-1999
STGW30N90D STMICROELECTRONICS-STGW30N90D Datasheet
159Kb / 10P
N-channel 900V - 30A - TO-247 Very fast PowerMESH IGBT
19-Jul-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com