Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5M7149 Datasheet (PDF) - Renesas Technology Corp

R5M7149 Datasheet PDF - Renesas Technology Corp
Part # R5M7149
Download  R5M7149 Download
File Size   5861.17 Kbytes
Page   1022 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Bit RISC Microcomputer SuperH??RISC engine Family

R5M7149 Datasheet (PDF)

Go To PDF Page Download Datasheet
R5M7149 Datasheet PDF - Renesas Technology Corp

Part # R5M7149
Download  R5M7149 Click to download

File Size   5861.17 Kbytes
Page   1022 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Bit RISC Microcomputer SuperH??RISC engine Family

R5M7149 Datasheet (HTML) - Renesas Technology Corp


R5M7149 Product details

Overview

Features of SH7146 and SH7149



This LSI is a single-chip RISC (Reduced Instruction Set Computer) microcomputer that integrates a Renesas Technology original RISC CPU core with peripheral functions required for system configuration.



The CPU in this LSI has a RISC-type instruction set. Most instructions can be executed in one state (one system clock cycle), which greatly improves instruction execution speed. In addition, the 32-bit internal-bus architecture enhances data processing power. With this CPU, it has become possible to assemble low-cost, high-performance, and high-functioning systems, even for applications that were previously impossible with microcomputers, such as real-time control, which demands high speeds.



Features

CPU

• Central processing unit with an internal 32-bit RISC (Reduced Instruction Set Computer) architecture

• Instruction length: 16-bit fixed length for improved code efficiency

• Load-store architecture (basic operations are executed between registers)

• Sixteen 32-bit general registers

• Five-stage pipeline

• On-chip multiplier: Multiplication operations (32 bits × 32 bits → 64 bits) executed in two to five cycles

• C language-oriented 62 basic instructions

   Note: Some specifications on slot illegal instruction exception handling in this LSI differ from those of the conventional SH-2. For details, see section 5.8.4, Notes on Slot Illegal Instruction Exception Handling.

Operating modes

• Operating modes

 Single chip mode

 Extended ROM enabled mode (only in SH7149)

 Extended ROM disabled mode (only in SH7149)

• Operating states

 Program execution state

 Exception handling state

 Bus release state (only in SH7149)

• Power-down modes

 Sleep mode

 Software standby mode

 Deep software standby mode

 Module standby mode

User break controller

(UBC)

• Addresses, data values, type of access, and data size can all be set as break conditions

• Supports a sequential break function

• Two break channels

• In the masked ROM version, only the L bus instruction fetch address break (two channels) can be set



 




Similar Part No. - R5M7149

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5M7083 RENESAS-R5M7083 Datasheet
8Mb / 1644P
32-Bit RISC Microcomputer SuperH??RISC engine Family
R5M7083 RENESAS-R5M7083 Datasheet
9Mb / 1622P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
R5M7083 RENESAS-R5M7083 Datasheet
9Mb / 1622P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
R5M7084 RENESAS-R5M7084 Datasheet
8Mb / 1644P
32-Bit RISC Microcomputer SuperH??RISC engine Family
R5M7084 RENESAS-R5M7084 Datasheet
9Mb / 1622P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
More results


Similar Description - R5M7149

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH-2A RENESAS-SH-2A Datasheet
3Mb / 501P
Renesas 32-Bit RISC Microcomputer SuperH™ RISC engine Family
SH7080 RENESAS-SH7080 Datasheet
8Mb / 1644P
32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7137 RENESAS-SH7137 Datasheet
6Mb / 1160P
32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7147 RENESAS-SH7147 Datasheet
5Mb / 1108P
32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7606 RENESAS-SH7606 Datasheet
3Mb / 532P
32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7606 Series
SH7615 RENESAS-SH7615 Datasheet
5Mb / 925P
32-Bit RISC Microcomputer SuperH RISC engine Family/SH7600 Series
SH7125 RENESAS-SH7125_08 Datasheet
4Mb / 774P
Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7050 RENESAS-SH7050 Datasheet
4Mb / 841P
32-Bit RISC Microcomputer SuperH RISC engine Family/
SH7080 RENESAS-SH7080_09 Datasheet
9Mb / 1622P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
DF70854AD80FPV RENESAS-DF70854AD80FPV Datasheet
9Mb / 1622P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com