Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR20AM-12LB Datasheet (PDF) - Renesas Technology Corp

BCR20AM-12LB Datasheet PDF - Renesas Technology Corp
Part # BCR20AM-12LB
Download  BCR20AM-12LB Download
File Size   118.89 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)

BCR20AM-12LB Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR20AM-12LB Datasheet PDF - Renesas Technology Corp

Part # BCR20AM-12LB
Download  BCR20AM-12LB Click to download

File Size   118.89 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)

BCR20AM-12LB Datasheet (HTML) - Renesas Technology Corp


BCR20AM-12LB Product details

Features
• IT (RMS) : 20 A
• VDRM : 600 V
• IFGTI, IRGTI, IRGT III : 30 mA (20 mA)Note6
• Non-Insulated Type
• Planar Passivation Type

Applications
    Vacuum cleaner, electric heater, light dimmer, copying machine, and controller for other motor and heater




Similar Part No. - BCR20AM-12LB

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR20AM-12L POWEREX-BCR20AM-12L Datasheet
72Kb / 4P
Triac 20 Ampere/400-600 Volts
logo
Renesas Technology Corp
BCR20AM-12LA RENESAS-BCR20AM-12LA Datasheet
107Kb / 7P
Triac Medium Power Use
BCR20AM-12LA-A8 RENESAS-BCR20AM-12LA-A8 Datasheet
107Kb / 7P
Triac Medium Power Use
More results


Similar Description - BCR20AM-12LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR5PM-12L RENESAS-BCR5PM-12L Datasheet
138Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10CS-12LA RENESAS-BCR10CS-12LA Datasheet
113Kb / 7P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10CS-12LB RENESAS-BCR10CS-12LB Datasheet
125Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10PM-12LD RENESAS-BCR10PM-12LD Datasheet
127Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR12CM-12LB RENESAS-BCR12CM-12LB Datasheet
125Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR12CS-12LB RENESAS-BCR12CS-12LB Datasheet
125Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR16CM-12LB RENESAS-BCR16CM-12LB Datasheet
126Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR8CS-12LB RENESAS-BCR8CS-12LB Datasheet
126Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR5AS-12B RENESAS-BCR5AS-12B Datasheet
132Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR30AM-12LB RENESAS-BCR30AM-12LB Datasheet
118Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com