Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N3208R Datasheet (PDF) - Vishay Siliconix

1N3208R Datasheet PDF - Vishay Siliconix
Part # 1N3208R
Download  1N3208R Download
File Size   80.64 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Stud-Mounted Silicon Rectifier Diodes, 15 A

1N3208R Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3208R Datasheet PDF - Vishay Siliconix

Part # 1N3208R
Download  1N3208R Click to download

File Size   80.64 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Stud-Mounted Silicon Rectifier Diodes, 15 A

1N3208R Datasheet (HTML) - Vishay Siliconix


1N3208R Product details

DESCRIPTION/FEATURES
• Low thermal impedance
• High case temperature
• Excellent reliability
• Maximum design flexibility
• Can be made to meet stringent military, aerospace and other high reliability requirements
• RoHS compliant




Similar Part No. - 1N3208R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N3208R IRF-1N3208R Datasheet
93Kb / 4P
15 Amp Stud-mounted Silicon Rectifier Diodes
logo
America Semiconductor, ...
1N3208R AMERICASEMI-1N3208R Datasheet
408Kb / 2P
DEVICE HIGH POWER STANDARD
logo
GeneSiC Semiconductor, ...
1N3208R GENESIC-1N3208R Datasheet
679Kb / 3P
Silicon Standard Recovery Diode
1N3208R GENESIC-1N3208R Datasheet
777Kb / 3P
Silicon Standard Recovery Diode
More results


Similar Description - 1N3208R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N3208 IRF-1N3208 Datasheet
93Kb / 4P
15 Amp Stud-mounted Silicon Rectifier Diodes
logo
TRANSYS Electronics Lim...
1N5826 TEL-1N5826 Datasheet
118Kb / 2P
SCHOTTKY DIODES STUD TYPE 15 A
logo
New Jersey Semi-Conduct...
1N3208 NJSEMI-1N3208 Datasheet
510Kb / 2P
15 Amp Stud-mounted Silicon Rectifier Diodes
logo
Vishay Siliconix
VS-1N1A VISHAY-VS-1N1A Datasheet
154Kb / 5P
Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
18-May-15
VS-1N3208 VISHAY-VS-1N3208 Datasheet
134Kb / 5P
Silicon Rectifier Diodes, (Stud Version) 15 A
12-Nov-15
logo
List of Unclassifed Man...
ACK-10 ETC1-ACK-10 Datasheet
1Mb / 3P
Stud-mounted fuses
logo
Eaton All Rights Reserv...
ACK-10 EATON-ACK-10 Datasheet
1Mb / 3P
Stud-mounted fuses
logo
Vishay Siliconix
VS-1N1183 VISHAY-VS-1N1183_V01 Datasheet
147Kb / 7P
Power Silicon Rectifier Diodes, (Stud Version), 35 A, 40 A, 60 A
10-Jul-2018
VS-1N1A VISHAY-VS-1N1A_V01 Datasheet
129Kb / 5P
Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
11-Jan-18
VS-1N3208 VISHAY-VS-1N3208_V01 Datasheet
131Kb / 5P
Silicon Rectifier Diodes, (Stud Version) 15 A
11-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com