Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG441 Datasheet (PDF) - Vishay Siliconix

DG441 Datasheet PDF - Vishay Siliconix
Part # DG441
Download  DG441 Download
File Size   150.83 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Quad SPST CMOS Analog Switches

DG441 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG441 Datasheet PDF - Vishay Siliconix

Part # DG441
Download  DG441 Click to download

File Size   150.83 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Quad SPST CMOS Analog Switches

DG441 Datasheet (HTML) - Vishay Siliconix


DG441 Product details

DESCRIPTION
The DG441, DG442 monolithic quad analog switches are designed to provide high speed, low error switching of analog and audio signals. The DG441 has a normally closed function. The DG442 has a normally open function.
Combining low on-resistance (50 , typ.) with high speed (tON 150 ns, typ.), the DG441, DG442 are ideally suited for upgrading DG201A/202 sockets. Charge injection has been minimized on the drain for use in sample-and-hold circuits. To achieve high voltage ratings and superior switching performance, the DG441, DG442 are built on Vishay Siliconix’s high-voltage silicon-gate process. An epitaxial layer prevents latchup.
Each switch conducts equally well in both directions when on, and blocks input voltages to the supply levels when off.

FEATURES
• Halogen-free according to IEC 61249-2-21 Definition
• Low on-resistance: 50Ω 
• Low leakage: 80 pA
• Low power consumption: 0.2 mW
• Fast switching action - tON: 150 ns
• Low charge injection - Q: - 1 pC
• DG201A/DG202 upgrades
• TTL/CMOS-compatible logic
• Single supply capability
• Compliant to RoHS Directive 2002/95/EC

BENEFITS
• Less signal errors and distortion
• Reduced power supply requirements
• Faster throughput
• Improved reliability
• Reduced pedestal errors
• Simplifies retrofit
• Simple interfacing

APPLICATIONS
• Audio switching
• Battery powered systems
• Data acquisition
• Hi-Rel systems
• Sample-and-hold circuits
• Communication systems
• Automatic test equipment
• Medical instruments




Similar Part No. - DG441

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441 INTERSIL-DG441 Datasheet
111Kb / 10P
Monolithic, Quad SPST, CMOS Analog Switches
June 1999
DG441 INTERSIL-DG441 Datasheet
213Kb / 4P
2 CHANNEL DRIVERS WITH SPST AND DPST FET SWITCHES
DG441 INTERSIL-DG441 Datasheet
365Kb / 14P
Monolithic, Quad SPST, CMOS Analog Switches
November 20, 2006
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
Improved, Quad, SPST Analog Switches
Rev 5; 5/09
logo
Vishay Siliconix
DG441 VISHAY-DG441 Datasheet
229Kb / 14P
Quad SPST CMOS Analog Switches
30-May-11
More results


Similar Description - DG441

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
Quad SPST, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
logo
Intersil Corporation
DG201A INTERSIL-DG201A_01 Datasheet
230Kb / 7P
Quad SPST, CMOS Analog Switches
May 2001
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
Quad SPST CMOS Analog Switches
06-Sep-99
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
Quad SPST CMOS Analog Switches
30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
Quad SPST CMOS Analog Switches
23-May-11
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
Quad SPST CMOS Analog Switches
30-May-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com