Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2707 Datasheet (PDF) - Vishay Siliconix

DG2707 Datasheet PDF - Vishay Siliconix
Part # DG2707
Download  DG2707 Download
File Size   169.64 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed, Low Voltage, 3 Ω, Differential 4:1 CMOS Analog Multiplexer/Switch

DG2707 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2707 Datasheet PDF - Vishay Siliconix

Part # DG2707
Download  DG2707 Click to download

File Size   169.64 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed, Low Voltage, 3 Ω, Differential 4:1 CMOS Analog Multiplexer/Switch

DG2707 Datasheet (HTML) - Vishay Siliconix


DG2707 Product details

DESCRIPTION
The DG2707 is a high speed, low voltage, 3 Ω, differential 4:1 multiplexer. It operates from a 1.65 V to 4.3 V single power supply. All channels guaranteed break before make switching. When powered with single 3.15 V supply, channel to channel ON Resistance matching is within 0.3 Ω.

FEATURES
• Low voltage operation (1.65 V to 4.3 V)
• Low on-resistance - RON: 2.8 Ω typ. at 3.15 V
• Low voltage logic threshold
• Low crosstalk: - 70 dB
• High off-isolation: - 90 dB
• Ultra small package: miniQFN16 of 1.8 mm x 2.6 mm

APPLICATIONS
• A/V and analog signal routing
• Battery operated devices
• Data acquisition systems
• Communications systems
• Medical and ATE equipments




Similar Part No. - DG2707

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2707 VISHAY-DG2707 Datasheet
146Kb / 9P
High Speed, Low Voltage, 3ohm , Differential 4:1 CMOS Analog Multiplexer/Switch
07-Feb-11
DG2707DN-T1-E4 VISHAY-DG2707DN-T1-E4 Datasheet
146Kb / 9P
High Speed, Low Voltage, 3ohm , Differential 4:1 CMOS Analog Multiplexer/Switch
07-Feb-11
DG2707DN-T1-E4 VISHAY-DG2707DN-T1-E4 Datasheet
174Kb / 10P
High Speed, Low Voltage, 3 Ω, Differential 4:1 CMOS Analog Multiplexer/Switch
07-Feb-11
DG2707 VISHAY-DG2707_11 Datasheet
146Kb / 9P
High Speed, Low Voltage, 3ohm , Differential 4:1 CMOS Analog Multiplexer/Switch
07-Feb-11
DG2707 VISHAY-DG2707_V01 Datasheet
174Kb / 10P
High Speed, Low Voltage, 3 Ω, Differential 4:1 CMOS Analog Multiplexer/Switch
07-Feb-11
More results


Similar Description - DG2707

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-518 INTERSIL-HI-518 Datasheet
170Kb / 8P
8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer
June 1999
logo
Maxim Integrated Produc...
MAX4644 MAXIM-MAX4644 Datasheet
206Kb / 12P
High-Speed, Low-Voltage, 4?? SPDT CMOS Analog Switch
Rev 0; 3/00
logo
Intersil Corporation
HI-518 INTERSIL-HI-518_06 Datasheet
294Kb / 8P
8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer
January 23, 2006
logo
SG Micro Corp
SGM84782 SGMICRO-SGM84782 Datasheet
481Kb / 10P
4廓, High Speed, Low Voltage Analog Switch / Multiplexer
logo
Vishay Siliconix
DG451 VISHAY-DG451 Datasheet
182Kb / 9P
High Voltage 4-Ω Quad SPST CMOS Analog Switch
09-Jun-08
DG454 VISHAY-DG454 Datasheet
180Kb / 9P
High Voltage 4-Ω Quad SPST CMOS Analog Switch
09-Jun-08
DG2706 VISHAY-DG2706 Datasheet
187Kb / 8P
High Speed, Low Voltage, 3 Ω, Quad SPDT CMOS Analog Switch
05-May-08
DG2707 VISHAY-DG2707_11 Datasheet
146Kb / 9P
High Speed, Low Voltage, 3ohm , Differential 4:1 CMOS Analog Multiplexer/Switch
07-Feb-11
logo
Renesas Technology Corp
HI-518 RENESAS-HI-518 Datasheet
530Kb / 8P
8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer
logo
Vishay Siliconix
DG2707 VISHAY-DG2707_V01 Datasheet
174Kb / 10P
High Speed, Low Voltage, 3 Ω, Differential 4:1 CMOS Analog Multiplexer/Switch
07-Feb-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com