Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2715 Datasheet (PDF) - Vishay Siliconix

DG2715 Datasheet PDF - Vishay Siliconix
Part # DG2715
Download  DG2715 Download
File Size   110.55 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage, 0.4-Ω rON, Single SPST Analog Switch

DG2715 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2715 Datasheet PDF - Vishay Siliconix

Part # DG2715
Download  DG2715 Click to download

File Size   110.55 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage, 0.4-Ω rON, Single SPST Analog Switch

DG2715 Datasheet (HTML) - Vishay Siliconix


DG2715 Product details

DESCRIPTION
The DG2715, DG2716 are low voltage, single supply, dual SPST analog switches. Designed for high performance switching of analog signals, the DG2715/2716 provide low on-resistance (0.4 Ω at + 2.7 V), fast speed (tON, tOFF at 17 ns and 14 ns) and the ability to handle signals over the entire analog voltage range.

FEATURES
• Low voltage operation (1.6 V to 3.6 V)
• Low on-resistance - RDS(on): 0.4 Ω at 2.7 V
• Off-isolation: - 57 dB at 1 MHz
• Fast switching: 25 ns tON
• Low charge injection - QINJ: 9 pC
• Low power consumption: < 1 µW
• SC-70 5-lead package

BENEFITS
• High accuracy
• High bandwidth
• TTL and low voltage logic compatibility
• Low power consumption
• Reduced PCB space

APPLICATIONS
• Mixed signal routing
• Portable and battery operated systems
• Low voltage data acquisition
• Modems
• PCMCIA cards




Similar Part No. - DG2715

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2715 VISHAY-DG2715 Datasheet
120Kb / 9P
Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
28-Feb-11
DG2715 VISHAY-DG2715 Datasheet
123Kb / 9P
Low-Voltage, 0.4 Ω RON, Single SPST Analog Switch
28-Feb-11
DG2715DL-T1-E3 VISHAY-DG2715DL-T1-E3 Datasheet
120Kb / 9P
Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
28-Feb-11
DG2715DL-T1-E3 VISHAY-DG2715DL-T1-E3 Datasheet
123Kb / 9P
Low-Voltage, 0.4 Ω RON, Single SPST Analog Switch
28-Feb-11
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
28-Feb-11
More results


Similar Description - DG2715

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
Low RON Low Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
Low-Voltage, Low rON, Dual SPST Analog Switch
01-Aug-03
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
Low-Voltage, Low rON Quad SPST Analog Switch
20-Jan-03
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
Low-RON Low-Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
Low-Voltage, Low rON, Dual SPST Analog Switch
21-May-07
DG2747 VISHAY-DG2747 Datasheet
153Kb / 8P
0.4-Ω, Low Voltage, Dual SPST Analog Switch
21-Apr-08
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
Low-Voltage, Low RON Quad SPST Analog Switch
13-Jun-11
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
28-Feb-11
DG2715 VISHAY-DG2715_V01 Datasheet
123Kb / 9P
Low-Voltage, 0.4 Ω RON, Single SPST Analog Switch
28-Feb-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com