Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6125 Datasheet (PDF) - Mospec Semiconductor

2N6125 Datasheet PDF - Mospec Semiconductor
Part # 2N6125
Download  2N6125 Download
File Size   190.73 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS

2N6125 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6125 Datasheet PDF - Mospec Semiconductor

Part # 2N6125
Download  2N6125 Click to download

File Size   190.73 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS

2N6125 Datasheet (HTML) - Mospec Semiconductor


2N6125 Product details

. . . designed for use in power amplifier and switching circuit applications

FEATURES:
* Collector-Emitter Sustaining Voltage-
  VCEO(sus) = 45 V (Min) - 2N6121, 2N6124
                     = 60 V (Min) - 2N6122, 2N6125
                     = 80 V (Min) - 2N6123, 2N6126
* Collector-Emitter Saturation Voltage
   VCEO(sat) = 0.6V (Max..) @ IC = 1.5 A, IB = 0.15 A




Similar Part No. - 2N6125

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6125 BOCA-2N6125 Datasheet
27Kb / 2P
Medium Power Linear and Switching Applications
logo
Central Semiconductor C...
2N6125 CENTRAL-2N6125 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N6125 ETC-2N6125 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N6125 SAVANTIC-2N6125 Datasheet
93Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N6125 ISC-2N6125 Datasheet
133Kb / 3P
Silicon PNP Power Transistors
More results


Similar Description - 2N6125

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
Complementary Silicon Plastic Power Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com