Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW9NB80 Datasheet (PDF) - STMicroelectronics

STW9NB80 Datasheet PDF - STMicroelectronics
Part # STW9NB80
Download  STW9NB80 Download
File Size   86.47 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET

STW9NB80 Datasheet (PDF)

Go To PDF Page Download Datasheet
STW9NB80 Datasheet PDF - STMicroelectronics

Part # STW9NB80
Download  STW9NB80 Click to download

File Size   86.47 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET

STW9NB80 Datasheet (HTML) - STMicroelectronics


STW9NB80 Product details

DESCRIPTION

Using the latest high voltage MESH OVERLAY process, STMicroelectronics has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company’s proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics.



■ TYPICAL RDS(on)= 0.85Ω

■ EXTREMELY HIGH dv/dt CAPABILITY

■ ±30V GATE TO SOURCE VOLTAGE RATING

■ 100% AVALANCHE TESTED

■ VERY LOW INTRINSIC CAPACITANCES

■ GATE CHARGE MINIMIZED



APPLICATIONS

■ HIGH CURRENT, HIGH SPEED SWITCHING

■ SWITCH MODE POWER SUPPLIES (SMPS)

■ DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE




Similar Part No. - STW9NB80

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW9NB80 ISC-STW9NB80 Datasheet
352Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STW9NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP8NC60 STMICROELECTRONICS-STP8NC60 Datasheet
326Kb / 9P
N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh™II MOSFET
Jul-2001
STU9NB80 STMICROELECTRONICS-STU9NB80 Datasheet
82Kb / 8P
N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
Jul-1999
STW11NB80 STMICROELECTRONICS-STW11NB80 Datasheet
87Kb / 8P
N-CHANNEL 800V - 0.65ohm - 11A - T0-247 PowerMESH MOSFET
Jul-1999
STW5NB90 STMICROELECTRONICS-STW5NB90 Datasheet
85Kb / 8P
N - CHANNEL 900V - 2.3ohm - 5.6A - TO-247 PowerMESH MOSFET
Mar-1999
STW7NB80 STMICROELECTRONICS-STW7NB80 Datasheet
88Kb / 8P
N-CHANNEL 800V - 1.6ohm - 6.5A - TO-247 PowerMESH MOSFET
Dec-1999
STW7NC80Z STMICROELECTRONICS-STW7NC80Z Datasheet
248Kb / 8P
N-CHANNEL 800V - 1.5ohm - 6A TO-247 Zener-Protected PowerMESH™ III MOSFET
Jul-2000
STW8NB80 STMICROELECTRONICS-STW8NB80 Datasheet
50Kb / 5P
N - CHANNEL 800V - 1.2ohm - 7.5A - TO-247 PowerMESH MOSFET
Jan-1999
STW9NA80 STMICROELECTRONICS-STW9NA80 Datasheet
132Kb / 10P
N - CHANNEL 800V - 0.85ohm - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
Nov-1998
STW9NB90 STMICROELECTRONICS-STW9NB90 Datasheet
87Kb / 8P
N-CHANNEL 900V - 0.85ohm - 9.7A - TO-247 PowerMESH MOSFET
Jul-1999
STW9NC80Z STMICROELECTRONICS-STW9NC80Z Datasheet
248Kb / 8P
N-CHANNEL 800V - 0.82ohm - 9.4A TO-247 Zener-Protected PowerMESH™ II MOSFET
Sep-2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com