Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2323 Datasheet (PDF) - Renesas Technology Corp

H8S2323 Datasheet PDF - Renesas Technology Corp
Part # H8S2323
Download  H8S2323 Download
File Size   7027.57 Kbytes
Page   1302 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series

H8S2323 Datasheet (PDF)

Go To PDF Page Download Datasheet
H8S2323 Datasheet PDF - Renesas Technology Corp

Part # H8S2323
Download  H8S2323 Click to download

File Size   7027.57 Kbytes
Page   1302 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series

H8S2323 Datasheet (HTML) - Renesas Technology Corp


H8S2323 Product details

Overview
The H8S/2329 Group and H8S/2328 Group are series of microcomputers (MCUs: microcomputer units), built around the H8S/2000 CPU, employing Renesas’ proprietary architecture, and equipped with supporting functions on-chip.

The H8S/2000 CPU has an internal 32-bit architecture, is provided with sixteen 16-bit general registers and a concise, optimized instruction set designed for high-speed operation, and can address a 16-Mbyte linear address space. The instruction set is upward-compatible with H8/300 and H8/300H CPU instructions at the object-code level, facilitating migration from the H8/300, H8/300L, or H8/300H Series.

On-chip supporting functions required for system configuration include DMA controller (DMAC)*1 and data transfer controller (DTC) bus masters, ROM and RAM, a 16-bit timer-pulse unit (TPU), programmable pulse generator (PPG), 8-bit timer, watchdog timer (WDT), serial communication interface (SCI), A/D converter, D/A converter, and I/O ports.

A high-functionality bus controller is also provided, enabling fast and easy connection of DRAM and other kinds of memory.

Single-power-supply flash memory (F-ZTAT™*2) and mask ROM versions are available, providing a quick and flexible response to conditions from ramp-up through full-scale volume production, even for applications with frequently changing specifications. ROM is connected to the CPU via a 16-bit data bus, enabling both byte and word data to be accessed in one state. Instruction fetching is thus speeded up, and processing speed increased.

The features of the H8S/2329 Group is shown in table 1.1.




Similar Part No. - H8S2323

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2319 RENESAS-H8S2319 Datasheet
5Mb / 1144P
16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2332 RENESAS-H8S2332 Datasheet
5Mb / 1244P
Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2337 RENESAS-H8S2337 Datasheet
5Mb / 1244P
Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2338 RENESAS-H8S2338 Datasheet
5Mb / 1244P
Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2339 RENESAS-H8S2339 Datasheet
5Mb / 1244P
Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
More results


Similar Description - H8S2323

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S-2329 RENESAS-H8S-2329 Datasheet
6Mb / 1302P
Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2300 Series
H8S2339 RENESAS-H8S2339 Datasheet
5Mb / 1244P
Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2357 RENESAS-H8S2357 Datasheet
4Mb / 1047P
RENESAS 46-BIT SINGLE-CHIP MICROCOMPUTER H8S FAMILY/H8S/2300 SERIES
H8S2368 RENESAS-H8S2368 Datasheet
6Mb / 1037P
Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2378 RENESAS-H8S2378 Datasheet
7Mb / 1203P
Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2125 RENESAS-H8S2125 Datasheet
4Mb / 700P
16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2319 RENESAS-H8S2319 Datasheet
5Mb / 1144P
16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S78 RENESAS-H8S78 Datasheet
8Mb / 1208P
Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
DF2328BVTE25V RENESAS-DF2328BVTE25V Datasheet
7Mb / 1304P
Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
HD64F2357F20V RENESAS-HD64F2357F20V Datasheet
4Mb / 1049P
Hardware Manual Renesas 16-Bit Single-chip Microcomputer H8S Family / H8S/2300 Series
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com