Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7104 Datasheet (PDF) - Renesas Technology Corp

SH7104 Datasheet PDF - Renesas Technology Corp
Part # SH7104
Download  SH7104 Download
File Size   3463.19 Kbytes
Page   560 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Bit RISC Microcomputer

SH7104 Datasheet (PDF)

Go To PDF Page Download Datasheet
SH7104 Datasheet PDF - Renesas Technology Corp

Part # SH7104
Download  SH7104 Click to download

File Size   3463.19 Kbytes
Page   560 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Bit RISC Microcomputer

SH7104 Datasheet (HTML) - Renesas Technology Corp


SH7104 Product details

Overview
The SH7108 Series single-chip RISC microprocessor integrates a Renesas Technology original RISC CPU core with peripheral functions required for system configuration.
The SH7108 Series CPU has a RISC-type instruction set. Most instructions can be executed in one state (one system clock cycle), which greatly improves instruction execution speed. In addition, the 32-bit internal-bus architecture enhances data processing power. With this CPU, it has become possible to assemble low cost, high performance/high-functioning systems, even for applications that were previously impossible with microprocessors, such as realtime control, which demands high speeds.

Features
• Central processing unit with an internal 32-bit RISC (Reduced Instruction Set Computer) architecture
    - Instruction length: 16-bit fixed length for improved code efficiency
    - Load-store architecture (basic operations are executed between registers)
    - Sixteen 32-bit general registers
    - Five-stage pipeline
    - On-chip multiplier: multiplication operations (32 bits × 32 bits → 64 bits) executed in two to four cycles
    - C language-oriented 62 basic instructions
• Various peripheral functions
    - Multifunction timer/pulse unit (MTU)
    - Motor management timer(MMT)
    - Compare match timer (CMT)
    - Watchdog timer (WDT)
    - Asynchronous or clocked synchronous serial communication interface (SCI)
    - 10-bit A/D converter
    - Clock pulse generator




Similar Part No. - SH7104

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7101 RENESAS-SH7101 Datasheet
2Mb / 486P
32-Bit RISC Microcomputer
More results


Similar Description - SH7104

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7125 RENESAS-SH7125 Datasheet
4Mb / 782P
Renesas 32-Bit RISC Microcomputer
SH7080 RENESAS-SH7080 Datasheet
8Mb / 1644P
32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7014 RENESAS-SH7014 Datasheet
4Mb / 754P
32-Bit RISC Microcomputer
SH7032 RENESAS-SH7032 Datasheet
6Mb / 687P
32-Bit RISC Microcomputer
SH7059 RENESAS-SH7059 Datasheet
6Mb / 1042P
32-Bit RISC Microcomputer
SH7101 RENESAS-SH7101 Datasheet
2Mb / 486P
32-Bit RISC Microcomputer
SH7750 RENESAS-SH7750_08 Datasheet
6Mb / 1162P
32-Bit RISC Microcomputer
SH7751 RENESAS-SH7751 Datasheet
6Mb / 1224P
32-Bit RISC Microcomputer
SH7785 RENESAS-SH7785 Datasheet
7Mb / 1692P
32-Bit RISC Microcomputer
SH7660 RENESAS-SH7660 Datasheet
4Mb / 846P
Renesas 32-Bit RISC Microcomputer
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com