Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7720 Datasheet (PDF) - Renesas Technology Corp

SH7720 Datasheet PDF - Renesas Technology Corp
Part # SH7720
Download  SH7720 Download
File Size   9079.85 Kbytes
Page   1524 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series

SH7720 Datasheet (PDF)

Go To PDF Page Download Datasheet
SH7720 Datasheet PDF - Renesas Technology Corp

Part # SH7720
Download  SH7720 Click to download

File Size   9079.85 Kbytes
Page   1524 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series

SH7720 Datasheet (HTML) - Renesas Technology Corp


SH7720 Product details

Overview

Features
This LSI is a single-chip RISC microprocessor that integrates a 32-bit RISC-type Super H architecture CPU with a digital signal processing (DSP) extension as its core, together with a large-capacity 32-kbyte cache memory, a 16-kbyte X/Y memory, and an interrupt controller. High-speed data transfers can be performed by an on-chip direct memory access controller (DMAC), and an external memory access support function enables direct connection to different kinds of memory. This LSI also supports a stereo audio recording and playback function, a USB host controller, a function controller, an LCD controller, a PCMCIA interface, an A/D converter, and a D/A converter.
The USB host controller and LCD controller have bus master functions, so that data supplied from an external memory (area 3) can be freely processed. Since the USB host controller, in particular, conforms to Open HCI standards, it is extremely easy to transfer data from the PC of a device driver or other devices. Also, low-power operation suitable for battery operation is possible because the LCD controller continues to display even in sleep mode.
A powerful built-in power management function keeps power consumption low, even during high speed operation. This LSI is ideal for electronics devices, which require both high speed and low power consumption.
The SH7720 group integrates an SSL (Secure Socket Layer) accelerator that performs RSA (Rivest-Shamir-Adleman) operations and DES (Data Encryption Standard) and Triple-DES encryption/decryption, while the SH7721 group does not have the SSL accelerator. Each group consists of several models which includes or does not include an SD host interface (SDHI) to be suited to a variety of applications. See table 1.2 and 1.3, Product Lineup, for the models including (or not including) the SDHI.

SH7720/SH7721 Features
Features

CPU
• Renesas Technology Original SuperH architecture
• Upper compatibility with SH-1, SH-2, and SH3-DSP at object code level
• 32-bit internal data bus
• General-register
 Sixteen 32-bit general registers (eight 32-bit shadow registers)
 Five 32-bit control registers
 Four 32-bit system registers
• RISC type instruction set
 Instruction length: 16-bit fixed length for improved code efficiency
 Load/store architecture
 Delayed branch instruction
 Instruction set based on C language
• Instruction execution time: One instruction/cycle for basic instructions
• Logical address space: 4 Gbytes
• Space identifier ASID: 8 bits, 256 logical address spaces
• Five-stage pipeline

DSP operating unit
• Mixture of 16-bit and 32-bit instructions
• 32-/40-bit internal data bus
• Multiplier, ALU, barrel shifter, and DSP register
• 16-bit x 16-bit → 32-bit one cycle multiplier
• Large-capacity DSP data register file
 Six 32-bit data registers
 Two 40-bit data registers
• Extended Harvard architecture for DSP data buses
 Two data buses
 One instruction bus
• Up to four parallel operations: ALU, multiply, two loads, and store
• Two address units to generating addresses for two memory access
• DSP data addressing modes: Increment, index register addition (with or without modulo addressing)
• Zero-overhead repeat loop control
• Conditional execution instructions
• User DSP mode and privileged DSP mode

Memory management unit (MMU)
• 4-Gbyte address space, 256 address spaces (8-bit ASID)
• Page unit sharing
• Supports multiple page sizes: 1 kbyte or 4 kbytes
• 128-entry, 4-way set associative TLB
• Specifies replacement way by software and supports random replacement algorithm
• Address assignment allows direct access to TLB contents

Cache memory
• 32-kbyte cache mixing instructions and data
• 512-entry, 4-way set associative, 16-byte block length
• Write-back, write-through, least recent used (LRU) replacement algorithm
• Single-stage write-back buffer (Continue...)




Similar Part No. - SH7720

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7722 RENESAS-SH7722 Datasheet
2Mb / 354P
Renesas 32-Bit RISC Microcomputer SH7780 Series
April 1st, 2010
SH7723 RENESAS-SH7723 Datasheet
1Mb / 358P
Renesas 32-Bit RISC Microcomputer SH7780 Series
April 1st, 2010
SH7727 RENESAS-SH7727 Datasheet
7Mb / 1109P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
SH7727 RENESAS-SH7727 Datasheet
7Mb / 1098P
Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family/ SH7700 Series
logo
Hitachi Semiconductor
SH7729 HITACHI-SH7729 Datasheet
1Mb / 241P
Hitachi Microcomputer Development Environment System
More results


Similar Description - SH7720

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6417705 RENESAS-HD6417705 Datasheet
4Mb / 739P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
SH7709S RENESAS-SH7709S Datasheet
4Mb / 807P
Renesas 32-Bit RISC Microcomputer Super RISC engine Family/SH7700 Series
SH7729R RENESAS-SH7729R Datasheet
4Mb / 855P
Renesas 32-Bit RISC Microcomputer Super RISC engine Family/SH7700 Series
SH7280 RENESAS-SH7280 Datasheet
9Mb / 1726P
Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
SH7706 RENESAS-SH7706 Datasheet
4Mb / 749P
Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family/SH7700 Series
SH7710 RENESAS-SH7710 Datasheet
5Mb / 996P
Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7712 RENESAS-SH7712 Datasheet
5Mb / 978P
Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7713 RENESAS-SH7713 Datasheet
5Mb / 904P
Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
HD64F7144FW50V RENESAS-HD64F7144FW50V Datasheet
5Mb / 932P
Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family/SH7144
SH7254R RENESAS-SH7254R Datasheet
8Mb / 1150P
Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family
Rev.4.00
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com