Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30201 Datasheet (PDF) - Renesas Technology Corp

M30201 Datasheet PDF - Renesas Technology Corp
Part # M30201
Download  M30201 Download
File Size   5623.29 Kbytes
Page   415 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY

M30201 Datasheet (PDF)

Go To PDF Page Download Datasheet
M30201 Datasheet PDF - Renesas Technology Corp

Part # M30201
Download  M30201 Click to download

File Size   5623.29 Kbytes
Page   415 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY

M30201 Datasheet (HTML) - Renesas Technology Corp


M30201 Product details

Description
The M30201 group of single-chip microcomputers are built using the high-performance silicon gate CMOS process using a M16C/60 Series CPU core. M30201 group is packaged in a 52-pin plastic molded SDIP, or 56-pin plastic molded QFP. These single-chip microcomputers operate using sophisticated instructions featuring a high level of instruction efficiency. With 1M bytes of address space, they are capable of executing instructions at high speed.
The M30201 group includes a wide range of products with different internal memory types and sizes and various package types.

Features
• Basic machine instructions ..................Compatible with the M16C/60 series
• Memory capacity..................................ROM/RAM (See figure 1.4. ROM expansion.)
• Shortest instruction execution time ......100ns (f(XIN)=10MHz)
• Supply voltage .....................................4.0 to 5.5V (f(XIN)=10MHz) :mask ROM version
                                                                2.7 to 5.5V (f(XIN)=3.5MHz ):mask ROM version
                                                                4.0 to 5.5V (f(XIN)=10MHz) :flash memory version
• Interrupts..............................................13 internal and 3 external interrupt sources, 4 software
                                                                 (including key input interrupt)
• Multifunction 16-bit timer......................Timer A x 1, timer B x 2, timer X x 3
• Clock output
• Serial I/O ..............................................1 channel for UART or clock synchronous, 1 for UART
• A-D converter.......................................10 bits X 8 channels (Expandable up to 13 channels)
• Watchdog timer....................................1 line
• Programmable I/O ...............................43 lines
• LED drive ports ....................................8 ports
• Clock generating circuit .......................2 built-in clock generation circuits
                                          (built-in feedback resistor, and external ceramic or quartz oscillator)

Applications
   Home appliances, Audio, office equipment, Automobiles




Similar Part No. - M30201

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30201 MITSUBISHI-M30201 Datasheet
2Mb / 159P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M30201 RENESAS-M30201 Datasheet
2Mb / 172P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30201E6-XXXFP RENESAS-M30201E6-XXXFP Datasheet
2Mb / 172P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30201E6-XXXSP RENESAS-M30201E6-XXXSP Datasheet
2Mb / 172P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30201E6T-XXXFP RENESAS-M30201E6T-XXXFP Datasheet
2Mb / 172P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Similar Description - M30201

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C6N4 RENESAS-M16C6N4 Datasheet
2Mb / 406P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
M16C6N5 RENESAS-M16C6N5 Datasheet
2Mb / 400P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
M16C6NK RENESAS-M16C6NK Datasheet
2Mb / 404P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
M16C6NL RENESAS-M16C6NL Datasheet
2Mb / 388P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
M16C26A RENESAS-M16C26A Datasheet
2Mb / 352P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/Tiny SERIES
M16C28 RENESAS-M16C28 Datasheet
2Mb / 423P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/Tiny SERIES
M16C30P RENESAS-M16C30P_07 Datasheet
3Mb / 317P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/30 SERIES
M16C62P RENESAS-M16C62P_06 Datasheet
4Mb / 421P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
M16C62_M RENESAS-M16C62_M Datasheet
8Mb / 615P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
M16C62_N RENESAS-M16C62_N Datasheet
8Mb / 621P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com