Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5820 Datasheet (PDF) - Vishay Siliconix

1N5820 Datasheet PDF - Vishay Siliconix
Part # 1N5820
Download  1N5820 Download
File Size   80.24 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 3.0 A

1N5820 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5820 Datasheet PDF - Vishay Siliconix

Part # 1N5820
Download  1N5820 Click to download

File Size   80.24 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 3.0 A

1N5820 Datasheet (HTML) - Vishay Siliconix


1N5820 Product details

FEATURES
• Guardring for overvoltage protection
• Very small conduction losses
• Extremely fast switching
• Low forward voltage drop
• High forward surge capability
• High frequency operation
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Compliant to RoHS directive 2002/95/EC and in
   accordance to WEEE 2002/96/EC

TYPICAL APPLICATIONS
   For use in low voltage high frequency inverters,
   freewheeling, dc-to-dc converters, and polarity protection
   applications.




Similar Part No. - 1N5820

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5820 MOTOROLA-1N5820 Datasheet
168Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
Pan Jit International I...
1N5820 PANJIT-1N5820 Datasheet
55Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 3.0 Amperes)
logo
STMicroelectronics
1N5820 STMICROELECTRONICS-1N5820 Datasheet
63Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
logo
Surge Components
1N5820 SURGE-1N5820 Datasheet
76Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 3.0 Ampere???
logo
Transys Electronics
1N5820 TRSYS-1N5820 Datasheet
159Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - 1N5820

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30BQ015PBF VISHAY-30BQ015PBF Datasheet
102Kb / 6P
Schottky Rectifier, 3.0 A
14-Aug-08
30BQ060PBF VISHAY-30BQ060PBF Datasheet
102Kb / 6P
Schottky Rectifier, 3.0 A
17-Apr-08
MBRD320 VISHAY-MBRD320 Datasheet
104Kb / 6P
Schottky Rectifier, 3.0 A
06-Jun-08
MBRS340TRPBF VISHAY-MBRS340TRPBF Datasheet
92Kb / 6P
Schottky Rectifier, 3.0 A
09-Oct-08
30BQ015PBF VISHAY-30BQ015PBF_11 Datasheet
118Kb / 7P
Schottky Rectifier, 3.0 A
23-Feb-11
30BQ060PBF VISHAY-30BQ060PBF_10 Datasheet
121Kb / 7P
Schottky Rectifier, 3.0 A
04-Mar-10
MBRD320PBF VISHAY-MBRD320PBF_11 Datasheet
122Kb / 7P
Schottky Rectifier, 3.0 A
14-Jan-11
1N5820 VISHAY-1N5820_12 Datasheet
119Kb / 6P
Schottky Rectifier, 3.0 A
11-Oct-11
VS-30BQ060TRPBF VISHAY-VS-30BQ060TRPBF Datasheet
120Kb / 7P
Schottky Rectifier, 3.0 A
04-Mar-10
VS-1N5820 VISHAY-VS-1N5820 Datasheet
117Kb / 6P
Schottky Rectifier, 3.0 A
11-Oct-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com