Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2KBB Datasheet (PDF) - Vishay Siliconix

2KBB Datasheet PDF - Vishay Siliconix
Part # 2KBB
Download  2KBB Download
File Size   82.21 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Phase Rectifier Bridge, 1.9 A

2KBB Datasheet (PDF)

Go To PDF Page Download Datasheet
2KBB Datasheet PDF - Vishay Siliconix

Part # 2KBB
Download  2KBB Click to download

File Size   82.21 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Phase Rectifier Bridge, 1.9 A

2KBB Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 2KBB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2KBB IRF-2KBB Datasheet
67Kb / 3P
1.9A single phase rectifier bridge
2KBB05 IRF-2KBB05 Datasheet
67Kb / 3P
1.9A single phase rectifier bridge
2KBB05 IRF-2KBB05 Datasheet
66Kb / 3P
2KBB SERIES 1.9A single phase rectifier bridge
logo
Vishay Siliconix
2KBB05 VISHAY-2KBB05 Datasheet
92Kb / 5P
Single Phase Rectifier Bridge, 1.9 A
17-Jun-08
logo
International Rectifier
2KBB05R IRF-2KBB05R Datasheet
66Kb / 3P
2KBB SERIES 1.9A single phase rectifier bridge
More results


Similar Description - 2KBB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2KBP VISHAY-2KBP_08 Datasheet
105Kb / 4P
Single Phase Rectifier Bridge, 2 A
17-Jun-08
KBPC8 VISHAY-KBPC8 Datasheet
100Kb / 3P
Single Phase Rectifier Bridge, 8 A
29-Sep-08
2KBB VISHAY-2KBB_12 Datasheet
92Kb / 5P
Single Phase Rectifier Bridge, 1.9 A
17-Jun-08
KBPC810PBF VISHAY-KBPC810PBF Datasheet
109Kb / 4P
Single Phase Rectifier Bridge, 8 A
29-Sep-08
2KBP10M-E4 VISHAY-2KBP10M-E4 Datasheet
112Kb / 5P
Single Phase Rectifier Bridge, 2 A
17-Jun-08
VS-2KBB VISHAY-VS-2KBB Datasheet
117Kb / 5P
Single Phase Rectifier Bridge, 1.9 A
26-Aug-14
VS-1KAB-E VISHAY-VS-1KAB-E_V01 Datasheet
112Kb / 5P
Single Phase Rectifier Bridge, 1.2 A
14-Sep-17
VS-2KBB VISHAY-VS-2KBB_V01 Datasheet
110Kb / 5P
Single Phase Rectifier Bridge, 1.9 A
14-Sep-17
VS-2KBB VISHAY-VS-2KBB_V02 Datasheet
109Kb / 5P
Single Phase Rectifier Bridge, 1.9 A
14-Sep-17
VS-KBPC8 VISHAY-VS-KBPC8_V02 Datasheet
118Kb / 4P
Single Phase Rectifier Bridge, 8 A
18-May-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com