Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2535-600G Datasheet (PDF) - STMicroelectronics

T2535-600G Datasheet PDF - STMicroelectronics
Part # T2535-600G
Download  T2535-600G Download
File Size   64.2 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH PERFORMANCE TRIAC

T2535-600G Datasheet (PDF)

Go To PDF Page Download Datasheet
T2535-600G Datasheet PDF - STMicroelectronics

Part # T2535-600G
Download  T2535-600G Click to download

File Size   64.2 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH PERFORMANCE TRIAC

T2535-600G Datasheet (HTML) - STMicroelectronics


T2535-600G Product details

Description
Available either in through-hole or surface-mount packages, the BTA24, BTB24, BTA25, BTA26 and T25 triac series is suitable for general purpose AC switching. They can be used as an ON/OFF function in applications such as static relays, heating regulation, induction motor starting circuits... or for phase control operation in light dimmers, motor speed controllers, ...

The snubberless versions (BTA/BTB...W and T25 series) are specially recommended for use on inductive loads, thanks to their high commutation performances. By using an internal ceramic pad, the BTA series provides voltage insulated tab (rated at 2500VRMS) complying with UL standards (File ref.: E81734).

Main features
    IT(RMS) 25 A
    VDRM/VRRM 600 and 800 V
    IGT (Q1) 35 to 50 mA




Similar Part No. - T2535-600G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T2535-600G STMICROELECTRONICS-T2535-600G Datasheet
137Kb / 12P
25A TRIACS
31-Jul-2006
T2535-600G STMICROELECTRONICS-T2535-600G Datasheet
133Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
logo
Tiger Electronic Co.,Lt...
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
Triacs sensitive gate
logo
Inchange Semiconductor ...
T2535-600G ISC-T2535-600G Datasheet
226Kb / 1P
isc Thyristors
logo
STMicroelectronics
T2535-600G(-TR) STMICROELECTRONICS-T2535-600G(-TR) Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
More results


Similar Description - T2535-600G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1235-600G STMICROELECTRONICS-T1235-600G Datasheet
66Kb / 5P
HIGH PERFORMANCE TRIAC
Jan-1998
T1635-600G STMICROELECTRONICS-T1635-600G Datasheet
103Kb / 5P
HIGH PERFORMANCE TRIAC
May-1998
T2035-600G STMICROELECTRONICS-T2035-600G Datasheet
67Kb / 5P
HIGH PERFORMANCE TRIAC
Jan-1998
T835-600G STMICROELECTRONICS-T835-600G Datasheet
102Kb / 5P
HIGH PERFORMANCE TRIAC
May-1998
logo
List of Unclassifed Man...
FT1011 ETC-FT1011 Datasheet
144Kb / 4P
HIGH COMMUTATION TRIAC
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
High Performance High Performance
July, 2006 ??Rev. 3
logo
Unisonic Technologies
U12JZ47 UTC-U12JZ47 Datasheet
210Kb / 5P
HIGH COMMUTATING TRIAC
logo
Nell Semiconductor Co.,...
41T NELLSEMI-41T Datasheet
247Kb / 5P
High current triac
60T NELLSEMI-60T Datasheet
302Kb / 4P
High current triac
M55T NELLSEMI-M55T Datasheet
366Kb / 5P
High current triac
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com