Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5910 Datasheet (PDF) - Anpec Electronics Coropration

APL5910 Datasheet PDF - Anpec Electronics Coropration
Part # APL5910
Download  APL5910 Download
File Size   360.9 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1A, Ultra Low Dropout (0.12V Typical) Linear Regulator

APL5910 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5910 Datasheet PDF - Anpec Electronics Coropration

Part # APL5910
Download  APL5910 Click to download

File Size   360.9 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1A, Ultra Low Dropout (0.12V Typical) Linear Regulator

APL5910 Datasheet (HTML) - Anpec Electronics Coropration


APL5910 Product details

General Description
The APL5910 is a 1A ultra low dropout linear regulator. The IC needs two supply voltages, one is the control voltage (VCNTL) for the control circuitry, the other is the main supply voltage (VIN) for power conversion, to reduce power dissipation and provide extremely low dropout voltage.
The APL5910 integrates many functions. A Power-On-Reset (POR) circuit monitors both supply voltages on VCNTL and VIN pins to prevent erroneous operations. The functions of thermal shutdown and current-limit protect the device against thermal and current over-loads. A POK indicates that the output voltage status with a delay time set internally. It can control other converter for power sequence. The APL5910 can be enabled by other power systems. Pulling and holding the EN voltage below 0.4V shuts off the output.
The APL5910 is available in a SOP-8P package which features small size as SOP-8 and an Exposed Pad to reduce the junction-to-case resistance to extend power range of applications.

Features
• Ultra Low Dropout
  - 0.12V (Typical) at 1A Output Current
• 0.8V Reference Voltage
• High Output Accuracy
   - ±1.5% over Line, Load, and Temperature Range
• Fast Transient Response
• Adjustable Output Voltage
• Power-On-Reset Monitoring on Both VCNTL and VIN Pins
• Internal Soft-Start
• Current-Limit and Short Current-Limit Protections
• Thermal Shutdown with Hysteresis
• Open-Drain VOUT Voltage Indicator (POK)
• Low Shutdown Quiescent Current (< 30mA )
• Shutdown/Enable Control Function
• Simple SOP-8P Package with Exposed Pad
• Lead Free and Green Devices Available (RoHS Compliant)

Applications
• Motherboards, VGA Cards
• Notebook PCs
• Add-in Cards




Similar Part No. - APL5910

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5910 ANPEC-APL5910 Datasheet
400Kb / 17P
1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRG ANPEC-APL5910KAI-TRG Datasheet
400Kb / 17P
1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910 ANPEC-APL5910_09 Datasheet
400Kb / 17P
1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
More results


Similar Description - APL5910

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
1A Ultra Low-Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5910 ANPEC-APL5910_09 Datasheet
400Kb / 17P
1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
1A Ultra Low Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com