Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7137 Datasheet (PDF) - Anpec Electronics Coropration

APW7137 Datasheet PDF - Anpec Electronics Coropration
Part # APW7137
Download  APW7137 Download
File Size   408.87 Kbytes
Page   18 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1MHz, High Efficiency, Step-Up Converter with Internal FET Switch

APW7137 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7137 Datasheet PDF - Anpec Electronics Coropration

Part # APW7137
Download  APW7137 Click to download

File Size   408.87 Kbytes
Page   18 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1MHz, High Efficiency, Step-Up Converter with Internal FET Switch

APW7137 Datasheet (HTML) - Anpec Electronics Coropration


APW7137 Product details

General Description

The APW7137 is a fixed switching frequency (1MHz typical), current-mode, step-up regulator with an integrated N-channel MOSFET. The device allows the usage of small inductors and output capacitors for portable devices. The current-mode control scheme provides fast transient response and good output voltage accuracy.

The APW7137 includes under-voltage lockout, current limit, and over-temperature shutdown preventing damage in the event of an output overload.



Features

· Wide 2.5V to 6V Input Voltage Range

· Built-in 0.6W N-Channel MOSFET

· Built-in Soft-Start

· High Efficiency up to 90%

· <1mA Quiescent Current During Shutdown

· Current-Mode Operation

   - Stable with Ceramic Output Capacitors

   - Fast Transient Response

· Current-Limit Protection

· Over-Temperature Protection with Hysteresis

· Available in a Tiny 5-Pin SOT-23 Package

· Lead Free and Green Devices Available (RoHS Compliant)



Applications

· Cell Phone and Smart Phone

· PDA, PMP, MP3

· Digital Camera

· Boost Regulators



 




Similar Part No. - APW7137

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7137 ANPEC-APW7137 Datasheet
474Kb / 22P
1MHz, High Efficiency, Step-Up Converter with Internal FET Switch
APW7137BI-TRG ANPEC-APW7137BI-TRG Datasheet
474Kb / 22P
1MHz, High Efficiency, Step-Up Converter with Internal FET Switch
APW7137BTI-TRG ANPEC-APW7137BTI-TRG Datasheet
474Kb / 22P
1MHz, High Efficiency, Step-Up Converter with Internal FET Switch
APW7137 ANPEC-APW7137_13 Datasheet
474Kb / 22P
1MHz, High Efficiency, Step-Up Converter with Internal FET Switch
More results


Similar Description - APW7137

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
1MHz, High-Efficiency, Step-Up Converter for White LEDs
logo
E-CMOS Corporation
EC4513 E-CMOS-EC4513 Datasheet
1,017Kb / 15P
High Efficiency 1MHz, Step up Regulator
logo
Anpec Electronics Corop...
APW7137 ANPEC-APW7137_13 Datasheet
474Kb / 22P
1MHz, High Efficiency, Step-Up Converter with Internal FET Switch
APW7212 ANPEC-APW7212 Datasheet
353Kb / 17P
1MHz, High-Efficiency, Step-Up Converter with Load Disconnection
APW7237 ANPEC-APW7237 Datasheet
584Kb / 20P
1.5MHz, High Efficiency, Step-Up Converter with Internal FET Switch
logo
TECHCODE SEMICONDUCTOR,...
TD8208 TECHCODE-TD8208 Datasheet
1Mb / 13P
High Efficiency 1MHz, 2A Step Up Regulator
TD8228 TECHCODE-TD8228 Datasheet
822Kb / 13P
High Efficiency 1MHz, 2A Step Up Regulator
logo
ETA SOLUTIONS CO. LIMIT...
ETA1090 ETA-ETA1090 Datasheet
188Kb / 1P
1MHz High Output current High Efficiency Synchronous Step-Up Converter
ETA1092 ETA-ETA1092 Datasheet
176Kb / 1P
1MHz High Output current High Efficiency Synchronous Step-Up Converter
logo
ACE Technology Co., LTD...
ACE7125Y ACE-ACE7125Y Datasheet
197Kb / 3P
High Efficiency 1MHz, 2.1A Step Up Regulator
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com