Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD230 Datasheet (PDF) - STMicroelectronics

TD230 Datasheet PDF - STMicroelectronics
Part # TD230
Download  TD230 Download
File Size   136.63 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ELECTRONIC CIRCUIT BREAKER

TD230 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD230 Datasheet PDF - STMicroelectronics

Part # TD230
Download  TD230 Click to download

File Size   136.63 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ELECTRONIC CIRCUIT BREAKER

TD230 Datasheet (HTML) - STMicroelectronics


TD230 Product details

DESCRIPTION
The TD230 is designed to control two N-channel MOSFETs used as power switches in circuit breaking applications.
Its current supervision and immediate action on the switches ensure high security for the boards and the supplies thus protected against short-circuit or over current.

■ TWO N-CHANNEL MOSFETs CONTROL AND DUAL INDEPENDANT CURRENT SUPERVISION FOR OVER CURRENT PROTECTION
■ DUAL SUPPLY OPERATION
■ FROM +3/-5 TO +18/-18V OPERATING VOLTAGE
■ STEP-UPCONVERTER : VCC +13.5VOUTPUT VOLTAGE
■ ADJUSTABLE PROTECTION MODE (CTRIP1/2)
■ INHIBIT FUNCTION
■ SHUTDOWN OUTPUT STATUS
■ FEW EXTERNAL COMPONENTS




Similar Part No. - TD230

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TD231 ETC-TD231 Datasheet
484Kb / 6P
Technical Specifications for 5 kA, Normal-Duty Distribution 4.5 kV and 5 kV VariSTAR MOV Disks
More results


Similar Description - TD230

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1153 LINER-LTC1153 Datasheet
342Kb / 16P
Auto-Reset Electronic Circuit Breaker
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
ELECTRONIC CIRCUIT BREAKER
May-2000
logo
Linear Technology
LTC1153 LINER-LTC1153_15 Datasheet
295Kb / 16P
Auto-Reset Electronic Circuit Breaker
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
Electronic Circuit Breaker
logo
ETAL Group
EBU10 ETAL-EBU10 Datasheet
1Mb / 6P
Electronic circuit breaker EBU
logo
Analog Devices
LTC4213 AD-LTC4213 Datasheet
650Kb / 22P
No RSENSE??Electronic Circuit Breaker
12/21-REV.A
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
Electronic miniature circuit-breaker
09/2009
102898 PHOENIX-102898 Datasheet
846Kb / 10P
Electronic circuit breaker
2010-12-17
102899 PHOENIX-102899 Datasheet
895Kb / 10P
Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
Electronic circuit breaker
2010-12-17
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com