Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6487 Datasheet (PDF) - Mospec Semiconductor

2N6487 Datasheet PDF - Mospec Semiconductor
Part # 2N6487
Download  2N6487 Download
File Size   190.3 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(15A,75W)

2N6487 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6487 Datasheet PDF - Mospec Semiconductor

Part # 2N6487
Download  2N6487 Click to download

File Size   190.3 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(15A,75W)

2N6487 Datasheet (HTML) - Mospec Semiconductor


2N6487 Product details

Complementary Silicon Plastic Power Transistors

. . . designed for use in general–purpose amplifier and switching applications.

FEATURES:
• Collector–Emitter Sustaining Voltage —
      VCEO(sus) = 40 V (Min) – 2N6486, 2N6489
                         = 60 V (Min) – 2N6487, 2N6490
                         = 80 V (Min) – 2N6488, 2N6491
• DC Current Gain Specified to 15 Amperes —
      hFE = 20–150 @ IC = 5.0 A
              = 5.0 (Min) @ IC = 15 A




Similar Part No. - 2N6487

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6487 ONSEMI-2N6487 Datasheet
151Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
April, 2002 ??Rev. 10
logo
STMicroelectronics
2N6487 STMICROELECTRONICS-2N6487 Datasheet
52Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Apr-1999
logo
Boca Semiconductor Corp...
2N6487 BOCA-2N6487 Datasheet
26Kb / 2P
NPN/PNP PLASTIC POWER TRANSISTORS
logo
Central Semiconductor C...
2N6487 CENTRAL-2N6487 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
logo
ON Semiconductor
2N6487 ONSEMI-2N6487 Datasheet
64Kb / 8P
Complementary Silicon Plastic Power Transistors
April, 2002 ??Rev. 10
More results


Similar Description - 2N6487

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3055A MOSPEC-2N3055A Datasheet
193Kb / 4P
POWER TRANSISTORS(15A)
2N4231A MOSPEC-2N4231A Datasheet
189Kb / 4P
POWER TRANSISTORS(5A,75W)
2N6298 MOSPEC-2N6298 Datasheet
177Kb / 4P
POWER TRANSISTORS(8A, 75W)
2N6546 MOSPEC-2N6546 Datasheet
211Kb / 4P
POWER TRANSISTORS(15A,175W)
2N6676 MOSPEC-2N6676 Datasheet
137Kb / 3P
POWER TRANSISTORS(15A,175W)
2SC3519 MOSPEC-2SC3519 Datasheet
138Kb / 3P
POWER TRANSISTORS(15A,130W)
BU326 MOSPEC-BU326 Datasheet
123Kb / 3P
POWER TRANSISTORS(6A,375-400V,75W)
MJE13004 MOSPEC-MJE13004 Datasheet
180Kb / 4P
POWER TRANSISTORS(4A,300-400V,75W)
MJE2801T MOSPEC-MJE2801T Datasheet
119Kb / 2P
POWER TRANSISTORS(10A,60V,75W)
MJE2955T MOSPEC-MJE2955T Datasheet
123Kb / 3P
POWER TRANSISTORS(10A,60V,75W)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com