Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA16TA60CS Datasheet (PDF) - Vishay Siliconix

HFA16TA60CS Datasheet PDF - Vishay Siliconix
Part # HFA16TA60CS
Download  HFA16TA60CS Download
File Size   192.82 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Soft Recovery Diode, 2 x 8 A

HFA16TA60CS Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA16TA60CS Datasheet PDF - Vishay Siliconix

Part # HFA16TA60CS
Download  HFA16TA60CS Click to download

File Size   192.82 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Soft Recovery Diode, 2 x 8 A

HFA16TA60CS Datasheet (HTML) - Vishay Siliconix


HFA16TA60CS Product details

DESCRIPTION
HFA16TA60CS is a state of the art center tap ultrafast recovery diode. Employing the latest in epitaxial construction and advanced processing techniques it features a superb combination of characteristics which result in performance which is unsurpassed by any rectifier previously available. With basic ratings of 600 V and 8 A per leg continuous current, the HFA16TA60CS is especially well suited for use as the companion diode for IGBTs and MOSFETs. In addition to ultrafast recovery time, the HEXFRED® product line features extremely low values of peak recovery current (IRRM) and does not exhibit any tendency to “snap-off” during the tb portion of recovery.

FEATURES
• Ultrafast recovery
• Ultrasoft recovery
• Very low IRRM
• Very low Qrr
• Specified at operating conditions
• Designed and qualified for industrial level

BENEFITS
• Reduced RFI and EMI
• Reduced power loss in diode and switching transistor
• Higher frequency operation
• Reduced snubbing
• Reduced parts count




Similar Part No. - HFA16TA60CS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA16TA60CS IRF-HFA16TA60CS Datasheet
167Kb / 6P
Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFA16TA60CSPBF VISHAY-HFA16TA60CSPBF Datasheet
195Kb / 6P
Ultrafast Soft Recovery Diode, 2 x 8 A
22-Oct-08
More results


Similar Description - HFA16TA60CS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA16PA60C VISHAY-HFA16PA60C Datasheet
213Kb / 7P
Ultrafast, Soft Recovery Diode, 2 x 8 A
29-Jul-08
HFA16PA60CPBF VISHAY-HFA16PA60CPBF Datasheet
215Kb / 7P
Ultrafast Soft Recovery Diode, 2 x 8 A
25-Jul-08
HFA16PA120C VISHAY-HFA16PA120C Datasheet
128Kb / 7P
Ultrafast Soft Recovery Diode, 2 x 8 A
30-Jul-08
HFA16PA120CPBF VISHAY-HFA16PA120CPBF Datasheet
131Kb / 7P
Ultrafast Soft Recovery Diode, 2 x 8 A
25-Jul-08
HFA16TA60C VISHAY-HFA16TA60C Datasheet
205Kb / 6P
Ultrafast Soft Recovery Diode, 2 x 8 A
29-Jul-08
HFA16TA60CPBF VISHAY-HFA16TA60CPBF Datasheet
207Kb / 6P
Ultrafast Soft Recovery Diode, 2 x 8 A
25-Jul-08
HFA16TA60CSPBF VISHAY-HFA16TA60CSPBF Datasheet
195Kb / 6P
Ultrafast Soft Recovery Diode, 2 x 8 A
22-Oct-08
HFA16PA120CPBF VISHAY-HFA16PA120CPBF_11 Datasheet
159Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 2 x 8 A
23-May-11
HFA16TA60CPBF VISHAY-HFA16TA60CPBF_11 Datasheet
212Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 2 x 8 A
24-May-11
VS-HFA16TA60C-M3 VISHAY-VS-HFA16TA60C-M3 Datasheet
200Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
02-Apr-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com