Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2540 Datasheet (PDF) - STMicroelectronics

TDA2540 Datasheet PDF - STMicroelectronics
Part # TDA2540
Download  TDA2540 Download
File Size   91.77 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description IF AMPLIFIER WITH DEMODULATOR AND AFC

TDA2540 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA2540 Datasheet PDF - STMicroelectronics

Part # TDA2540
Download  TDA2540 Click to download

File Size   91.77 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description IF AMPLIFIER WITH DEMODULATOR AND AFC

TDA2540 Datasheet (HTML) - STMicroelectronics


TDA2540 Product details

DESCRIPTION
The TDA2540 and 2541 are IF amplifier and A.M. demodulator circuits for colour and black and white televisionreceiversusing PNP orNPN tuners. They are intended for reception of negative or positive modulation CCIR standard.
They incorporate the following functions :
   ■ Gain controlled amplifierds
   ■ Synchronous demodulator
   ■ White spot inverter
   ■ Video preamplifier with noise protection
   ■ Switchable AFC
   ■ AGC with noise gating
   ■ Tuner AGC output (NPN tuner for 2540)-(PNP tuner for 2541)
   ■ VCR switch for video output inhibition (VCR play back)

■ SUPPLY VOLTAGE : 12V TYP
■ SUPPLY CURRENT : 50mATYP
■ I.F. INPUT VOLTAGE SENSITIVITY AT
   F = 38.9MHz : 85µVRMS TYP
■ VIDEO OUTPUT VOLTAGE (white at 10% of
   top synchro) : 2.7VPP TYP
■ I.F. VOLTAGE GAIN CONTROL RANGE :
   64dB TYP
■ SIGNAL TO NOISE RATIO AT VI = 10mV :
   58dB TYP
■ A.F.C. OUTPUT VOLTAGE SWING FOR
   ∆f = 100kHz : 10V TYP




Similar Part No. - TDA2540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2542 STMICROELECTRONICS-TDA2542 Datasheet
161Kb / 5P
IF AMPLIFIER WITH DEMODULATOR AND AFC FOR POSITIVE MODULATION STANDARD
logo
NXP Semiconductors
TDA2545A PHILIPS-TDA2545A Datasheet
75Kb / 8P
Quasi-split-sound circuit
February 1985
TDA2546A PHILIPS-TDA2546A Datasheet
87Kb / 10P
Quasi-split-sound circuit with 5,5 MHz demodulation
February 1985
TDA2549 PHILIPS-TDA2549 Datasheet
83Kb / 9P
I.F. amplifier and demodulator for multistandard TV receivers
April 1985
More results


Similar Description - TDA2540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3853T PHILIPS-TDA3853T Datasheet
152Kb / 18P
TV IF amplifier and demodulator with TV-identification
January 1992
TDA8340 PHILIPS-TDA8340 Datasheet
111Kb / 14P
Television IF amplifier and demodulator
November 1987
TDA8349A PHILIPS-TDA8349A Datasheet
108Kb / 17P
Multistandard IF amplifier and demodulator
February 1991
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
FM IF amplifier and demodulator
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
Video IF Amplifier and Demodulator
TDA5950X SIEMENS-TDA5950X Datasheet
450Kb / 11P
Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
FM IF AMPLIFIER WITH DEMODULATOR
logo
STMicroelectronics
TDA2542 STMICROELECTRONICS-TDA2542 Datasheet
161Kb / 5P
IF AMPLIFIER WITH DEMODULATOR AND AFC FOR POSITIVE MODULATION STANDARD
TDA4426 STMICROELECTRONICS-TDA4426 Datasheet
217Kb / 7P
VIDEO IF AMPLIFIER WITH DEMODULATOR AND AFC
logo
Siemens Semiconductor G...
S041P SIEMENS-S041P Datasheet
55Kb / 6P
FM IF AMPLIFIER WITH DEMODULATOR
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com