Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12TTS08S Datasheet (PDF) - Vishay Siliconix

12TTS08S Datasheet PDF - Vishay Siliconix
Part # 12TTS08S
Download  12TTS08S Download
File Size   139.87 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control SCR, 8 A

12TTS08S Datasheet (PDF)

Go To PDF Page Download Datasheet
12TTS08S Datasheet PDF - Vishay Siliconix

Part # 12TTS08S
Download  12TTS08S Click to download

File Size   139.87 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control SCR, 8 A

12TTS08S Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 12TTS08S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
12TTS08SPBF VISHAY-12TTS08SPBF Datasheet
139Kb / 7P
Phase Control SCR, 8 A
06-Jun-08
12TTS08STRLPBF VISHAY-12TTS08STRLPBF Datasheet
139Kb / 7P
Phase Control SCR, 8 A
06-Jun-08
12TTS08STRRPBF VISHAY-12TTS08STRRPBF Datasheet
139Kb / 7P
Phase Control SCR, 8 A
06-Jun-08
More results


Similar Description - 12TTS08S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10TTS08 VISHAY-10TTS08 Datasheet
131Kb / 6P
Phase Control SCR, 10 A
19-Jun-08
12TTS08SPBF VISHAY-12TTS08SPBF Datasheet
139Kb / 7P
Phase Control SCR, 8 A
06-Jun-08
40TPS12A VISHAY-40TPS12A Datasheet
145Kb / 7P
Phase Control SCR, 35 A
12-Sep-08
70TPS12PBF VISHAY-70TPS12PBF_10 Datasheet
134Kb / 8P
Phase Control SCR, 70 A
07-Dec-10
VS-12TTS08S-M3 VISHAY-VS-12TTS08S-M3 Datasheet
174Kb / 7P
Thyristor Surface Mount, Phase Control SCR, 8 A
09-Jul-15
VS-12TTS08SLHM3 VISHAY-VS-12TTS08SLHM3 Datasheet
192Kb / 8P
Thyristor Surface Mount, Phase Control SCR, 8 A
22-Feb-18
VS-12TTS08S-M3 VISHAY-VS-12TTS08S-M3_V01 Datasheet
188Kb / 7P
Thyristor Surface Mount, Phase Control SCR, 8 A
30-Nov-2021
VS-12TTS08SLHM3 VISHAY-VS-12TTS08SLHM3_V01 Datasheet
172Kb / 7P
Thyristor Surface Mount, Phase Control SCR, 8 A
22-Feb-18
VS-12TTS08SPBF VISHAY-VS-12TTS08SPBF Datasheet
150Kb / 7P
Thyristor Surface Mount, Phase Control SCR, 8 A
08-Jul-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com