Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25F100M Datasheet (PDF) - Vishay Siliconix

25F100M Datasheet PDF - Vishay Siliconix
Part # 25F100M
Download  25F100M Download
File Size   136.61 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes(Stud Version), 25 A

25F100M Datasheet (PDF)

Go To PDF Page Download Datasheet
25F100M Datasheet PDF - Vishay Siliconix

Part # 25F100M
Download  25F100M Click to download

File Size   136.61 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes(Stud Version), 25 A

25F100M Datasheet (HTML) - Vishay Siliconix


25F100M Product details

Standard Recovery Diodes (Stud Version), 25 A



FEATURES

• High surge current capability

• Stud cathode and stud anode version

• Wide current range

• Types up to 1200 V VRRM

• RoHS compliant



TYPICAL APPLICATIONS

• Battery charges

• Converters

• Power supplies

• Machine tool controls




Similar Part No. - 25F100M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25F100M IRF-25F100M Datasheet
80Kb / 6P
STANDARD RECOVERY DIODES
logo
Vishay Siliconix
25F100M VISHAY-25F100M Datasheet
155Kb / 7P
Standard Recovery Diodes (Stud Version), 25 A
29-Sep-08
More results


Similar Description - 25F100M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
Standard Recovery Diodes (Stud Version), 25 A
29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
Standard Recovery Diodes, (Stud Version), 85 A
25-May-09
VS-25F120 VISHAY-VS-25F120 Datasheet
149Kb / 7P
Standard Recovery Diodes (Stud Version), 25 A
09-Apr-13
VS-25FR100 VISHAY-VS-25FR100 Datasheet
148Kb / 6P
Standard Recovery Diodes (Stud Version), 25 A
28-Jan-14
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
Standard Recovery Diodes (Stud Version), 150 A
30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
25-Nov-13
VS-SD300N VISHAY-VS-SD300N Datasheet
210Kb / 8P
Standard Recovery Diodes (Stud Version), 380 A
05-Aug-14
VS-40HFR VISHAY-VS-40HFR Datasheet
165Kb / 9P
Standard Recovery Diodes,(Stud Version), 40 A
29-Jan-14
VS-SD500N VISHAY-VS-SD500N Datasheet
152Kb / 7P
Standard Recovery Diodes, (Stud Version), 475 A
10-Oct-2019
VS-16FR VISHAY-VS-16FR_V01 Datasheet
158Kb / 6P
Standard Recovery Diodes, (Stud Version), 16 A
11-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com