Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40HFL Datasheet (PDF) - Vishay Siliconix

40HFL Datasheet PDF - Vishay Siliconix
Part # 40HFL
Download  40HFL Download
File Size   1587.49 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Recovery Diodes (Stud Version), 40/70/85 A

40HFL Datasheet (PDF)

Go To PDF Page Download Datasheet
40HFL Datasheet PDF - Vishay Siliconix

Part # 40HFL
Download  40HFL Click to download

File Size   1587.49 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Recovery Diodes (Stud Version), 40/70/85 A

40HFL Datasheet (HTML) - Vishay Siliconix


40HFL Product details

Fast Recovery Diodes(Stud Version), 40 A/70 A/85 A



FEATURES

• Short reverse recovery time

• Low stored charge

• Wide current range

• Excellent surge capabilities

• Stud cathode and stud anode versions

• Types up to 100 VRRM

• Compliant to RoHS directive 2002/95/EC



TYPICAL APPLICATIONS

• DC power supplies

• Inverters

• Converters

• Choppers

• Ultrasonic systems

• Freewheeling diodes




Similar Part No. - 40HFL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40HFL IRF-40HFL Datasheet
3Mb / 10P
FAST RECOVERY DIODES
logo
TRANSYS Electronics Lim...
40HFL TEL-40HFL Datasheet
201Kb / 1P
Super Fast Recovery Rectifier
logo
Vishay Siliconix
40HFL VISHAY-40HFL Datasheet
1Mb / 14P
Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
25-May-09
logo
International Rectifier
40HFL100S02 IRF-40HFL100S02 Datasheet
3Mb / 10P
FAST RECOVERY DIODES
40HFL100S05 IRF-40HFL100S05 Datasheet
3Mb / 10P
FAST RECOVERY DIODES
More results


Similar Description - 40HFL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
85HF10 VISHAY-85HF10 Datasheet
130Kb / 7P
Standard Recovery Diodes, (Stud Version), 85 A
19-Jun-08
T40HFL VISHAY-T40HFL Datasheet
409Kb / 15P
Fast Recovery Diodes, 40/70/85 A (T-Modules)
13-Feb-08
40HFL VISHAY-40HFL_12 Datasheet
1Mb / 14P
Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
25-May-09
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
Standard Recovery Diodes, (Stud Version), 85 A
25-May-09
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
25-May-09
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
02-Mar-17
VS-85HFR VISHAY-VS-85HFR Datasheet
183Kb / 9P
Standard Recovery Diodes, (Stud Version), 85 A
07-Dec-16
VS-85HFR40M8 VISHAY-VS-85HFR40M8 Datasheet
172Kb / 8P
Standard Recovery Diodes, (Stud Version), 85 A
11-Jan-18
VS-85HFR VISHAY-VS-85HFR_V01 Datasheet
182Kb / 10P
Standard Recovery Diodes, (Stud Version), 85 A
27-Nov-2018
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 11-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com