Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7266M Datasheet (PDF) - STMicroelectronics

TDA7266M Datasheet PDF - STMicroelectronics
Part # TDA7266M
Download  TDA7266M Download
File Size   109.78 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 7W MONO BRIDGE AMPLIFIER

TDA7266M Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7266M Datasheet PDF - STMicroelectronics

Part # TDA7266M
Download  TDA7266M Click to download

File Size   109.78 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 7W MONO BRIDGE AMPLIFIER

TDA7266M Datasheet (HTML) - STMicroelectronics


TDA7266M Product details

DESCRIPTION
The TDA7266M is a mono bridge amplifier specially designed for TV and Portable Radio applications.

■ WIDE SUPPLY VOLTAGE RANGE (3-18V)
■ MINIMUM EXTERNAL COMPONENTS
   – NO SWR CAPACITOR
   – NO BOOTSTRAP
   – NO BOUCHEROT CELLS
   – INTERNALLY FIXED GAIN
■ STAND-BY & MUTE FUNCTIONS
■ SHORT CIRCUIT PROTECTION
■ THERMAL OVERLOAD PROTECTION




Similar Part No. - TDA7266M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7266M STMICROELECTRONICS-TDA7266M Datasheet
522Kb / 11P
7W7W DUAL BRIDGE AMPLIFIER
Sep-2003
TDA7266M STMICROELECTRONICS-TDA7266M Datasheet
170Kb / 9P
7W MONO BRIDGE AMPLIFIER
Jul-2002
TDA7266MA STMICROELECTRONICS-TDA7266MA Datasheet
522Kb / 11P
7W7W DUAL BRIDGE AMPLIFIER
Sep-2003
TDA7266M STMICROELECTRONICS-TDA7266M_V01 Datasheet
170Kb / 9P
7W MONO BRIDGE AMPLIFIER
Jul-2002
More results


Similar Description - TDA7266M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA7056 STMICROELECTRONICS-STA7056 Datasheet
60Kb / 5P
3W MONO BRIDGE AMPLIFIER
Mar-2000
TBA810P STMICROELECTRONICS-TBA810P Datasheet
70Kb / 3P
7W AUDIO AMPLIFIER
TDA7266 STMICROELECTRONICS-TDA7266 Datasheet
120Kb / 9P
77W DUAL BRIDGE AMPLIFIER
2002-Mar
TDA7266L STMICROELECTRONICS-TDA7266L Datasheet
122Kb / 7P
5W MONO BRIDGE AMPLIFIER
Feb-2001
logo
Unisonic Technologies
TDA7266 UTC-TDA7266 Datasheet
153Kb / 7P
77W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7266SA STMICROELECTRONICS-TDA7266SA Datasheet
522Kb / 11P
7W7W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
Maxim Integrated Produc...
MAX9737 MAXIM-MAX9737 Datasheet
347Kb / 13P
Mono 7W Class D Amplifier
Rev 0; 10/08
logo
Unisonic Technologies
TDA7266N UTC-TDA7266N Datasheet
211Kb / 9P
77W DUAL BRIDGE AMPLIFIER
TDA7266 UTC-TDA7266_10 Datasheet
257Kb / 8P
77W DUAL BRIDGE AMPLIFIER
TDA7266 UTC-TDA7266_15 Datasheet
257Kb / 8P
7W DUAL BRIDGE AMPLIFIER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com