Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7266S Datasheet (PDF) - STMicroelectronics

TDA7266S Datasheet PDF - STMicroelectronics
Part # TDA7266S
Download  TDA7266S Download
File Size   108.42 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 55W DUAL BRIDGE AMPLIFIER

TDA7266S Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7266S Datasheet PDF - STMicroelectronics

Part # TDA7266S
Download  TDA7266S Click to download

File Size   108.42 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 55W DUAL BRIDGE AMPLIFIER

TDA7266S Datasheet (HTML) - STMicroelectronics


TDA7266S Product details

DESCRIPTION
The TDA7266S is a dual bridge amplifier specially designed for TV and Portable Radio applications.

■ WIDE SUPPLY VOLTAGE RANGE (3-18V)
■ MINIMUM EXTERNAL COMPONENTS
   – NO SWR CAPACITOR
   – NO BOOTSTRAP
   – NO BOUCHEROT CELLS
   – INTERNALLY FIXED GAIN
■ STAND-BY & MUTE FUNCTIONS
■ SHORT CIRCUIT PROTECTION
■ THERMAL OVERLOAD PROTECTION




Similar Part No. - TDA7266S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7266S STMICROELECTRONICS-TDA7266S Datasheet
522Kb / 11P
7W7W DUAL BRIDGE AMPLIFIER
Sep-2003
TDA7266SA STMICROELECTRONICS-TDA7266SA Datasheet
522Kb / 11P
7W7W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
Shenzhenshi YONGFUKANG ...
TDA7266SA YONGFUKANG-TDA7266SA Datasheet
226Kb / 5P
Dual 8W Bridge Audio Amplifier Circuit - TDA7266SA
logo
STMicroelectronics
TDA7266SAN STMICROELECTRONICS-TDA7266SAN Datasheet
679Kb / 15P
5 W 5 W dual bridge amplifier
31-Aug-2012
More results


Similar Description - TDA7266S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
5W5W AMPLIFIER
January 2000
logo
Rohm
BA5406 ROHM-BA5406 Datasheet
137Kb / 5P
12V / 5W dual power amplifier
logo
STMicroelectronics
TDA7266L STMICROELECTRONICS-TDA7266L Datasheet
122Kb / 7P
5W MONO BRIDGE AMPLIFIER
Feb-2001
TDA7266D STMICROELECTRONICS-TDA7266D Datasheet
192Kb / 13P
5W5W DUAL BRIDGE AMPLIFIER
May-2003
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
5W5W AMPLIFIER
Sep-2003
TDA7266SAN STMICROELECTRONICS-TDA7266SAN Datasheet
679Kb / 15P
5 W 5 W dual bridge amplifier
31-Aug-2012
logo
ON Semiconductor
EN3309D ONSEMI-EN3309D Datasheet
103Kb / 9P
5W Power Amplifier
June, 2013
ENA2011A ONSEMI-ENA2011A Datasheet
371Kb / 8P
5W Power Amplifier
June, 2013
logo
Rohm
BA5408 ROHM-BA5408 Datasheet
176Kb / 3P
12V-5W Dual Power Amplifier
logo
Hangzhou Youwang Electr...
UTC17821 YOUWANG-UTC17821 Datasheet
103Kb / 5P
DUAL 5W BTL AUDIO POWER AMPLIFIER CIRCUIT
2008.02.17
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com