Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN12 Datasheet (PDF) - STMicroelectronics

TN12 Datasheet PDF - STMicroelectronics
Part # TN12
Download  TN12 Download
File Size   122.63 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SENSITIVE & STANDARD(12A SCRs)

TN12 Datasheet (PDF)

Go To PDF Page Download Datasheet
TN12 Datasheet PDF - STMicroelectronics

Part # TN12
Download  TN12 Click to download

File Size   122.63 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SENSITIVE & STANDARD(12A SCRs)

TN12 Datasheet (HTML) - STMicroelectronics


TN12 Product details

DESCRIPTION

Available either in sensitive (TS12) or standard (TYN, TN12...) gate triggering levels, the 12A SCR

series is suitable to fit all modes of control found in applications such as overvoltage crowbar

protection, motor control circuits in power tools and kitchen aids, in-rush current limiting circuits,

capacitive discharge ignition, voltage regulation circuits...

Available in though-hole or surface-mount packages, they provide an optimized performance

in a limited space area.



 




Similar Part No. - TN12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN12 STMICROELECTRONICS-TN12 Datasheet
153Kb / 12P
Sensitive and Standard 12 A SCRS
08-Mar-2007
logo
Ferroxcube Internationa...
TN12-2P40 FERROXCUBE-TN12-2P40 Datasheet
47Kb / 3P
Iron powder toroids
TN12-2P50 FERROXCUBE-TN12-2P50 Datasheet
47Kb / 3P
Iron powder toroids
TN12-2P65 FERROXCUBE-TN12-2P65 Datasheet
47Kb / 3P
Iron powder toroids
TN12-2P80 FERROXCUBE-TN12-2P80 Datasheet
47Kb / 3P
Iron powder toroids
More results


Similar Description - TN12

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
Sensitive and Standard SCRs, 8A
12PT06AI-S NELLSEMI-12PT06AI-S Datasheet
1Mb / 7P
Sensitive and Standard SCRs, 12A
logo
Thinki Semiconductor Co...
TYN612T THINKISEMI-TYN612T Datasheet
677Kb / 6P
SENSITIVE & STANDARD(12A SCRs)
MCR310-10G THINKISEMI-MCR310-10G Datasheet
586Kb / 3P
SENSITIVE & STANDARD(10A SCRs)
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
Sensitive and Standard SCRs, 12A
logo
Littelfuse
S8008DRP LITTELFUSE-S8008DRP Datasheet
411Kb / 1P
8 Amp Sensitive Standard SCRs
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
Sensitive and Standard SCRs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com