Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5277A Datasheet (PDF) - Sanyo Semicon Device

2SC5277A Datasheet PDF - Sanyo Semicon Device
Part # 2SC5277A
Download  2SC5277A Download
File Size   62.81 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description UHF to S-Band Low-Noise Amplifier OSC Applications

2SC5277A Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5277A Datasheet PDF - Sanyo Semicon Device

Part # 2SC5277A
Download  2SC5277A Click to download

File Size   62.81 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description UHF to S-Band Low-Noise Amplifier OSC Applications

2SC5277A Datasheet (HTML) - Sanyo Semicon Device


2SC5277A Product details

NPN Epitaxial Planar Silicon Transistor

Features
• Low-noise : NF=0.9dB typ (f=1GHz)
                    : NF=1.4dB typ (f=1.5GHz)
• High gain : ⏐S21e⏐2=10dB typ (f=1.5GHz)
• High cut-off frequency : fT=8GHz typ
• Low-voltage, low-current operation (VCE=1V, IC=1mA)
                    : fT=3.5GHz typ
                   : ⏐S21e⏐2=5.5dB typ (f=1.5GHz)
• Ultrasmall-sized package permitting applied sets to be made small and slim




Similar Part No. - 2SC5277A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5277A SANYO-2SC5277A Datasheet
524Kb / 8P
UHF to S-Band Low-Noise Amplifier OSC Applications
logo
ON Semiconductor
2SC5277A ONSEMI-2SC5277A Datasheet
518Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Single SMCP
August, 2013
logo
Inchange Semiconductor ...
2SC5277A ISC-2SC5277A Datasheet
269Kb / 3P
Silicon NPN RF Transistor
logo
ON Semiconductor
2SC5277A-2-TL-E ONSEMI-2SC5277A-2-TL-E Datasheet
518Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Single SMCP
August, 2013
logo
Sanyo Semicon Device
2SC5277A SANYO-2SC5277A_12 Datasheet
524Kb / 8P
UHF to S-Band Low-Noise Amplifier OSC Applications
More results


Similar Description - 2SC5277A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5534 SANYO-2SC5534 Datasheet
44Kb / 5P
UHF to S Band Low-Noise Amplifier, OSC Applications
2SC5540 SANYO-2SC5540 Datasheet
30Kb / 3P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5647 SANYO-2SC5647 Datasheet
36Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5782 SANYO-2SC5782 Datasheet
42Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5245A SANYO-2SC5245A Datasheet
63Kb / 6P
UHF to S-Band Low-Noise Amplifier OSC Applications
EC4H07CA SANYO-EC4H07CA Datasheet
64Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5646A SANYO-2SC5646A Datasheet
61Kb / 7P
UHF to S-Band Low-Noise Amplifier, OSC Applications
2SC5245A SANYO-2SC5245A_12 Datasheet
458Kb / 8P
UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5277A SANYO-2SC5277A_12 Datasheet
524Kb / 8P
UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5646A SANYO-2SC5646A_12 Datasheet
444Kb / 9P
UHF to S-Band Low-Noise Amplifier, OSC Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com