Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30CPH03PBF Datasheet (PDF) - Vishay Siliconix

30CPH03PBF Datasheet PDF - Vishay Siliconix
Part # 30CPH03PBF
Download  30CPH03PBF Download
File Size   113.02 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 2 x 15 A FRED PtTM

30CPH03PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
30CPH03PBF Datasheet PDF - Vishay Siliconix

Part # 30CPH03PBF
Download  30CPH03PBF Click to download

File Size   113.02 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 2 x 15 A FRED PtTM

30CPH03PBF Datasheet (HTML) - Vishay Siliconix


30CPH03PBF Product details

DESCRIPTION/APPLICATIONS
300 V series are the state of the art ultrafast recovery rectifiers designed with optimized performance of forward voltage drop and ultrafast recovery time.
The planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness and reliability characteristics.
These devices are intended for use in the output rectification stage of SMPS, UPS, dc-to-dc converters as well as freewheeling diodes in low voltage inverters and chopper motor drives.
Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.

FEATURES
• Ultrafast recovery time
• Low forward voltage drop
• Low leakage current
• 175 °C operating junction temperature
• Lead (Pb)-free (“PbF” suffix)
• Designed and qualified for industrial level




Similar Part No. - 30CPH03PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CPH03PBF IRF-30CPH03PBF Datasheet
111Kb / 7P
UltraFast Rectifier
logo
Vishay Siliconix
30CPH03PBF VISHAY-30CPH03PBF Datasheet
160Kb / 8P
Ultrafast Rectifier, 2 x 15 A FRED Pt
17-Feb-11
30CPH03PBF VISHAY-30CPH03PBF_11 Datasheet
160Kb / 8P
Ultrafast Rectifier, 2 x 15 A FRED Pt
17-Feb-11
More results


Similar Description - 30CPH03PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETH03PBF VISHAY-15ETH03PBF Datasheet
117Kb / 7P
Ultrafast Rectifier, 15 A FRED PtTM
03-Apr-08
30CPH03 VISHAY-30CPH03 Datasheet
114Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
28-Jul-08
30CPU04 VISHAY-30CPU04 Datasheet
120Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
28-Jul-08
30CPU04PBF VISHAY-30CPU04PBF Datasheet
122Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
21-Jul-08
MUR1520 VISHAY-MUR1520 Datasheet
108Kb / 7P
Ultrafast Rectifier, 15 A FRED PtTM
24-Jun-08
MUR1520PBF VISHAY-MUR1520PBF Datasheet
106Kb / 7P
Ultrafast Rectifier, 15 A FRED PtTM
09-Apr-08
MUR3020WT VISHAY-MUR3020WT Datasheet
108Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
28-Jul-08
MUR3020WTPBF VISHAY-MUR3020WTPBF Datasheet
112Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
21-Jul-08
MURB1520 VISHAY-MURB1520 Datasheet
115Kb / 7P
Ultrafast Rectifier, 15 A FRED PtTM
24-Jun-08
MURB1520PBF VISHAY-MURB1520PBF Datasheet
120Kb / 7P
Ultrafast Rectifier, 15 A FRED PtTM
05-Sep-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com