Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3H02BA Datasheet (PDF) - Sanyo Semicon Device

EC3H02BA Datasheet PDF - Sanyo Semicon Device
Part # EC3H02BA
Download  EC3H02BA Download
File Size   53.91 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description NPN Epitaxial Planar Silicon Transistor VHF to UHF Wide-Band Low-Noise Amplifier Applications

EC3H02BA Datasheet (PDF)

Go To PDF Page Download Datasheet
EC3H02BA Datasheet PDF - Sanyo Semicon Device

Part # EC3H02BA
Download  EC3H02BA Click to download

File Size   53.91 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description NPN Epitaxial Planar Silicon Transistor VHF to UHF Wide-Band Low-Noise Amplifier Applications

EC3H02BA Datasheet (HTML) - Sanyo Semicon Device


EC3H02BA Product details

Features
• Low noise : NF=1.0dB typ (f=1GHz).
• High gain : ⏐S21e⏐2=12dB typ (f=1GHz).
• High cutoff frequency : fT=7GHz typ.
• Ultrasmall (1006size), slim (0.5mm) leadless package.
• Halogen free compliance (UL94 HB).




Similar Part No. - EC3H02BA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3H02BA SANYO-EC3H02BA Datasheet
87Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
EC3H02BA SANYO-EC3H02BA_09 Datasheet
87Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results


Similar Description - EC3H02BA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT6L58AE TOSHIBA-MT6L58AE Datasheet
87Kb / 3P
TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
2SC5064 TOSHIBA-2SC5064_07 Datasheet
993Kb / 7P
Silicon NPN Epitaxial Planar Type VHF~UHF Band Low Noise Amplifier Applications
2SC5088 TOSHIBA-2SC5088_07 Datasheet
996Kb / 7P
Silicon NPN Epitaxial Planar Type VHF~UHF Band Low Noise Amplifier Applications
2SC5091FT TOSHIBA-2SC5091FT_07 Datasheet
111Kb / 3P
Silicon NPN Epitaxial Planar Type VHF~UHF Band Low Noise Amplifier Applications
2SC5092 TOSHIBA-2SC5092_07 Datasheet
1,004Kb / 7P
Silicon NPN Epitaxial Planar Type VHF~UHF Band Low Noise Amplifier Applications
2SC5097 TOSHIBA-2SC5097_07 Datasheet
985Kb / 7P
Silicon NPN Epitaxial Planar Type VHF~UHF Band Low Noise Amplifier Applications
2SC5317FT TOSHIBA-2SC5317FT_07 Datasheet
123Kb / 3P
Silicon NPN Epitaxial Planar Type VHF-UHF Band Low Noise Amplifier Applications
logo
Sanyo Semicon Device
55GN01CA SANYO-55GN01CA Datasheet
55Kb / 6P
NPN Epitaxial Planar Silicon Transistor UHF Wide-band Low-noise Amplifier Applications
55GN01MA SANYO-55GN01MA Datasheet
54Kb / 6P
NPN Epitaxial Planar Silicon Transistor UHF Wide-band Low-noise Amplifier Applications
55GN01SA SANYO-55GN01SA Datasheet
53Kb / 6P
NPN Epitaxial Planar Silicon Transistor UHF Wide-band Low-noise Amplifier Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com