Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA0224CS Datasheet (PDF) - Sanyo Semicon Device

LA0224CS Datasheet PDF - Sanyo Semicon Device
Part # LA0224CS
Download  LA0224CS Download
File Size   60.18 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PN type Photo Diode For Optical Disk Blue-purple Laser Diode monitors

LA0224CS Datasheet (PDF)

Go To PDF Page Download Datasheet
LA0224CS Datasheet PDF - Sanyo Semicon Device

Part # LA0224CS
Download  LA0224CS Click to download

File Size   60.18 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PN type Photo Diode For Optical Disk Blue-purple Laser Diode monitors

LA0224CS Datasheet (HTML) - Sanyo Semicon Device


LA0224CS Product details

Overview
LA0224CS is a photo diode for optical disk blue-purple laser diode monitors.

Functions
• The blue-purple sensitive PN type photo diode
• Photo diode opening size: 1.0mm
• High sensitivity and light stability by the AR coating cover glass adoption.
• Small size and thin type CSP Package: ODCSP4, size: 1.22mm×1.38mm×0.6mm




Similar Part No. - LA0224CS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA0225CS SANYO-LA0225CS Datasheet
59Kb / 4P
PN type Photo Diode For Optical Disk Blue-purple Laser Diode monitors
LA0225CV SANYO-LA0225CV Datasheet
59Kb / 4P
PN type Photo Diode For Optical Disk Blue-purple Laser Diode monitors
More results


Similar Description - LA0224CS

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT0H12M SHARP-LT0H12M Datasheet
39Kb / 3P
Hologram Laser(1 beam) for Magneto-Optical disk
logo
NICHIA CORPORATION
NDB7112E NICHIA-NDB7112E Datasheet
269Kb / 3P
Blue Laser Diode
NDHB510APA NICHIA-NDHB510APA Datasheet
205Kb / 3P
Blue Laser Diode
logo
Sanyo Semicon Device
LA0225CS SANYO-LA0225CS Datasheet
59Kb / 4P
PN type Photo Diode For Optical Disk Blue-purple Laser Diode monitors
LA0225CV SANYO-LA0225CV Datasheet
59Kb / 4P
PN type Photo Diode For Optical Disk Blue-purple Laser Diode monitors
logo
Roithner LaserTechnik G...
LD-450-1400MG ROITHNER-LD-450-1400MG Datasheet
814Kb / 4P
blue laser diode
logo
NICHIA CORPORATION
NDB4216E-E NICHIA-NDB4216E-E Datasheet
145Kb / 3P
Blue Laser Diode
logo
Roithner LaserTechnik G...
RLS4116 ROITHNER-RLS4116 Datasheet
848Kb / 4P
Blue laser diode
RLT4XX-50CMG ROITHNER-RLT4XX-50CMG Datasheet
591Kb / 3P
Blue Laser Diode
SHD4580MG ROITHNER-SHD4580MG Datasheet
429Kb / 3P
Blue Laser Diode
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com