Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA5752 Datasheet (PDF) - Sanyo Semicon Device

LA5752 Datasheet PDF - Sanyo Semicon Device
Part # LA5752
Download  LA5752 Download
File Size   67.59 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)

LA5752 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA5752 Datasheet PDF - Sanyo Semicon Device

Part # LA5752
Download  LA5752 Click to download

File Size   67.59 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)

LA5752 Datasheet (HTML) - Sanyo Semicon Device


LA5752 Product details

Overview

The LA5752 is a separately-excited step-down switching regulator (5V).



Features

•High efficiency

•Four external parts

•Time-base generator (60kHz) incorporated

•Current limiter incorporated

•Thermal shutdown circuit incorporated

•Soft start circuit incorporated




Similar Part No. - LA5752

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5752MP SANYO-LA5752MP Datasheet
65Kb / 5P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
More results


Similar Description - LA5752

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5771 SANYO-LA5771 Datasheet
66Kb / 5P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
LA5772 SANYO-LA5772 Datasheet
67Kb / 5P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
LA5777 SANYO-LA5777 Datasheet
62Kb / 4P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
LA5777MP SANYO-LA5777MP Datasheet
125Kb / 4P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
LA5752MP SANYO-LA5752MP Datasheet
65Kb / 5P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
LA5753 SANYO-LA5753 Datasheet
67Kb / 5P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (12V)
LA5753MP SANYO-LA5753MP Datasheet
65Kb / 5P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (12V)
LA5751 SANYO-LA5751 Datasheet
67Kb / 5P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
LA5751MP SANYO-LA5751MP Datasheet
65Kb / 5P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
LA5771MP SANYO-LA5771MP_12 Datasheet
68Kb / 5P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com