Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30EPH03 Datasheet (PDF) - Vishay Siliconix

30EPH03 Datasheet PDF - Vishay Siliconix
Part # 30EPH03
Download  30EPH03 Download
File Size   133.35 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 30 A FRED PtTM

30EPH03 Datasheet (PDF)

Go To PDF Page Download Datasheet
30EPH03 Datasheet PDF - Vishay Siliconix

Part # 30EPH03
Download  30EPH03 Click to download

File Size   133.35 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 30 A FRED PtTM

30EPH03 Datasheet (HTML) - Vishay Siliconix


30EPH03 Product details

DESCRIPTION/APPLICATIONS
300 V series are the state of the art ultrafast recovery rectifiers designed with optimized performance of forward voltage drop and ultrafast recovery time.
The planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness and reliability characteristics.
These devices are intended for use in the output rectification stage of SMPS, UPS, dc-to-dc converters as well as freewheeling diodes in low voltage inverters and chopper motor drives.
Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.

FEATURES
• Ultrafast recovery time
• Low forward voltage drop
• Low leakage current
• 175 °C operating junction temperature
• Designed and qualified for industrial level




Similar Part No. - 30EPH03

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
Ultrafast Rectifier
30EPH03 IRF-30EPH03 Datasheet
115Kb / 7P
Ultrafast Rectifier
logo
Thinki Semiconductor Co...
30EPH03 THINKISEMI-30EPH03 Datasheet
2Mb / 3P
30Amperes,300Volts Single Ultra Fast Recovery Epitaxial Diode
logo
Inchange Semiconductor ...
30EPH03 ISC-30EPH03 Datasheet
283Kb / 2P
Ultrafast Rectifier
logo
International Rectifier
30EPH03PBF IRF-30EPH03PBF Datasheet
115Kb / 7P
Ultrafast Rectifier
More results


Similar Description - 30EPH03

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETH03PBF VISHAY-15ETH03PBF Datasheet
117Kb / 7P
Ultrafast Rectifier, 15 A FRED PtTM
03-Apr-08
8ETU04 VISHAY-8ETU04 Datasheet
104Kb / 7P
Ultrafast Rectifier, 8 A FRED PtTM
23-Jun-08
8ETU04PBF VISHAY-8ETU04PBF Datasheet
107Kb / 7P
Ultrafast Rectifier, 8 A FRED PtTM
08-Apr-08
30EPH03PBF VISHAY-30EPH03PBF Datasheet
579Kb / 7P
Ultrafast Rectifier, 30 A FRED PtTM
07-Apr-08
MUR1520 VISHAY-MUR1520 Datasheet
108Kb / 7P
Ultrafast Rectifier, 15 A FRED PtTM
24-Jun-08
MUR1520PBF VISHAY-MUR1520PBF Datasheet
106Kb / 7P
Ultrafast Rectifier, 15 A FRED PtTM
09-Apr-08
MURB820 VISHAY-MURB820 Datasheet
116Kb / 7P
Ultrafast Rectifier, 8 A FRED PtTM
24-Jun-08
MURB820PBF VISHAY-MURB820PBF Datasheet
122Kb / 7P
Ultrafast Rectifier, 8 A FRED PtTM
05-Sep-08
MURB1520 VISHAY-MURB1520 Datasheet
115Kb / 7P
Ultrafast Rectifier, 15 A FRED PtTM
24-Jun-08
MURB1520PBF VISHAY-MURB1520PBF Datasheet
120Kb / 7P
Ultrafast Rectifier, 15 A FRED PtTM
05-Sep-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com