Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR0530 Datasheet (PDF) - Vishay Siliconix

MBR0530 Datasheet PDF - Vishay Siliconix
Part # MBR0530
Download  MBR0530 Download
File Size   77.96 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Diode, 0.5 A

MBR0530 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR0530 Datasheet PDF - Vishay Siliconix

Part # MBR0530
Download  MBR0530 Click to download

File Size   77.96 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Diode, 0.5 A

MBR0530 Datasheet (HTML) - Vishay Siliconix


MBR0530 Product details

DESCRIPTION
This Schottky diode is ideally suited for low voltage, high frequency operations, as freewheeling and polarity protection. Small size of the package allows proper use in application where compact size is critical, fitting also the GSM and PCMCIA requirement.

FEATURES
• Surface mountable
• Very low forward voltage drop
• Extremely fast switching
• Negligible switching losses
• Guard ring for enhanced ruggedness and long term reliability
• Lead (Pb)-free (“PbF” suffix)
• Designed and qualified for industrial level




Similar Part No. - MBR0530

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR0530 MCC-MBR0530 Datasheet
90Kb / 2P
0.5 Amp Schottky Rectifier 20 to 100 Volts
logo
Unisonic Technologies
MBR0530 UTC-MBR0530 Datasheet
82Kb / 3P
SCHOTTKY RECTIFIER DIODE
logo
ON Semiconductor
MBR0530 ONSEMI-MBR0530 Datasheet
152Kb / 13P
1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
MBR0530 ONSEMI-MBR0530 Datasheet
157Kb / 13P
1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
logo
Fairchild Semiconductor
MBR0530 FAIRCHILD-MBR0530 Datasheet
76Kb / 3P
Schottky Rectifier
More results


Similar Description - MBR0530

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBR0540PBF IRF-MBR0540PBF Datasheet
116Kb / 6P
SCHOTTKY DIODE 0.5 Amp
logo
Vishay Siliconix
MBR0520 VISHAY-MBR0520 Datasheet
81Kb / 5P
Schottky Diode, 0.5 A
22-Aug-08
MBR0520PBF VISHAY-MBR0520PBF Datasheet
83Kb / 5P
Schottky Diode, 0.5 A
14-Aug-08
MBR0530PBF VISHAY-MBR0530PBF Datasheet
79Kb / 5P
Schottky Diode, 0.5 A
14-Aug-08
MBR0540 VISHAY-MBR0540 Datasheet
78Kb / 5P
Schottky Diode, 0.5 A
22-Aug-08
MBR0540PBF VISHAY-MBR0540PBF Datasheet
81Kb / 5P
Schottky Diode, 0.5 A
14-Aug-08
logo
SeCoS Halbleitertechnol...
SCS0520V SECOS-SCS0520V_09 Datasheet
383Kb / 2P
0.5 A, 20 V Schottky Barrier Rectifiers
logo
Central Semiconductor C...
CPD94X CENTRAL-CPD94X Datasheet
671Kb / 2P
0.5 Amp Schottky Diode Chip
CPD94X-CMLSH05-4 CENTRAL-CPD94X-CMLSH05-4 Datasheet
478Kb / 4P
Schottky Diode Die 0.5 Amp, 40 Volt
R0 19-September 2016
CPD112R-CFSH05-20L CENTRAL-CPD112R-CFSH05-20L Datasheet
487Kb / 4P
Schottky Diode Die 0.5 Amp, 20 Volt
R2 26-January 2023
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com