Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301U Datasheet (PDF) - Vishay Siliconix

301U Datasheet PDF - Vishay Siliconix
Part # 301U
Download  301U Download
File Size   175.89 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 300 A

301U Datasheet (PDF)

Go To PDF Page Download Datasheet
301U Datasheet PDF - Vishay Siliconix

Part # 301U
Download  301U Click to download

File Size   175.89 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 300 A

301U Datasheet (HTML) - Vishay Siliconix


301U Product details

FEATURES
• Wide current range
• High voltage rating up to 2500 V
• High surge current capabilities
• Stud cathode and stud anode version
• High resistance to acceleration
• RoHS compliant
• Designed and qualified for industrial level

TYPICAL APPLICATIONS
• Converters
• Power supplies
• Machine tool controls
• High power drives
• Medium traction applications




Similar Part No. - 301U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
301U IRF-301U Datasheet
267Kb / 8P
STANDARD RECOVERY DIODES Stud Version
301U IRF-301U Datasheet
267Kb / 8P
STANDARD RECOVERY DIODES
logo
New Jersey Semi-Conduct...
301U NJSEMI-301U Datasheet
120Kb / 2P
Standard Recovery Diodes
301U100 NJSEMI-301U100 Datasheet
149Kb / 1P
Standard Recovery
301U100 NJSEMI-301U100 Datasheet
149Kb / 1P
Standard Recovery
More results


Similar Description - 301U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300HFL VISHAY-300HFL Datasheet
102Kb / 6P
Standard Recovery Diodes (Stud Version), 300 A
02-Jun-08
300UR VISHAY-300UR Datasheet
107Kb / 6P
Standard Recovery Diodes (Stud Version), 300 A
24-Jun-08
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
Standard Recovery Diodes (Stud Version), 25 A
29-Sep-08
300U VISHAY-300U_12 Datasheet
127Kb / 7P
Standard Recovery Diodes (Stud Version), 300 A
24-Jun-08
301U VISHAY-301U_12 Datasheet
375Kb / 12P
Standard Recovery Diodes (Stud Version), 300 A
23-Jun-08
VS-70U VISHAY-VS-70U Datasheet
179Kb / 7P
Standard Recovery Diodes (Stud Version), 300 A
26-Mar-14
VS-300U VISHAY-VS-300U_V01 Datasheet
166Kb / 7P
Standard Recovery Diodes, (Stud Version), 300 A
11-Jan-18
VS-301U VISHAY-VS-301U_V01 Datasheet
407Kb / 12P
Standard Recovery Diodes, (Stud Version), 300 A
28-Apr-2020
VS-301UR VISHAY-VS-301UR Datasheet
407Kb / 12P
Standard Recovery Diodes, (Stud Version), 300 A
28-Apr-2020
VS-300UR VISHAY-VS-300UR Datasheet
165Kb / 7P
Standard Recovery Diodes, (Stud Version), 300 A
11-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com