Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

400U Datasheet (PDF) - Vishay Siliconix

400U Datasheet PDF - Vishay Siliconix
Part # 400U
Download  400U Download
File Size   101.41 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 400 A

400U Datasheet (PDF)

Go To PDF Page Download Datasheet
400U Datasheet PDF - Vishay Siliconix

Part # 400U
Download  400U Click to download

File Size   101.41 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 400 A

400U Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 400U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
400U VISHAY-400U Datasheet
116Kb / 7P
Standard Recovery Diodes
23-Jun-08
logo
E-SWITCH
400U E-SWITCH-400U Datasheet
1Mb / 4P
400u SerieS rocker Switch
logo
Naina Semiconductor ltd...
400U10 NAINA-400U10 Datasheet
108Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type)
400U100 NAINA-400U100 Datasheet
108Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type)
400U120 NAINA-400U120 Datasheet
108Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type)
More results


Similar Description - 400U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
Standard Recovery Diodes (Stud Version), 25 A
29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
Standard Recovery Diodes, (Stud Version), 85 A
25-May-09
SD400NR VISHAY-SD400NR Datasheet
151Kb / 7P
Standard Recovery Diodes (Stud Version), 400 A
17-Apr-08
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
Standard Recovery Diodes (Stud Version), 150 A
30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
25-Nov-13
VS-SD400N VISHAY-VS-SD400N Datasheet
199Kb / 7P
Standard Recovery Diodes (Stud Version), 400 A
25-Nov-13
VS-SD500N VISHAY-VS-SD500N Datasheet
152Kb / 7P
Standard Recovery Diodes, (Stud Version), 475 A
10-Oct-2019
VS-SD400NR VISHAY-VS-SD400NR Datasheet
166Kb / 7P
Standard Recovery Diodes, (Stud Version), 400 A
28-Apr-2020
VS-400U VISHAY-VS-400U_V01 Datasheet
153Kb / 7P
Standard Recovery Diodes, (Stud Version), 400 A
11-Jan-18
SD453NR VISHAY-SD453NR_V01 Datasheet
390Kb / 11P
Fast Recovery Diodes (Stud Version), 400/450 A
08-Apr-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com